Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCB05061R8MZF Datasheet(PDF) 1 Page - Superworld Electronics

Part # RCB05061R8MZF
Description  SMD POWER INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCB05061R8MZF Datasheet(HTML) 1 Page - Superworld Electronics

  RCB05061R8MZF Datasheet HTML 1Page - Superworld Electronics RCB05061R8MZF Datasheet HTML 2Page - Superworld Electronics RCB05061R8MZF Datasheet HTML 3Page - Superworld Electronics RCB05061R8MZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R C B 0 5 0 6 1 R 0 M Z F
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : 1R0 = 1.0uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
20.00±5.0
ØA
B
C
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : DR Ferrite Core
(b) Wire : Enamelled Copper Wire
(c) Lead : Tinned Copper Wire
(d) Tube : Shrinkable Tube
3. SCHEMATIC :
(d) Tolerance code : K = ±10%, M = ±20%
(e) X, Y, Z : Standard part
5. GENERAL SPECIFICATION :
c) Operating temp. : -40°C to +105°C
b) Storage temp. : -40°C to +125°C
a) Temp. rise : 20°C Max. at rated current
RCB0506 SERIES
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
25.04.2008
15.00±5.0
DE
F
2.50 Max. 2.00±0.50
6.50
5.00±0.5
0.50 Ref.
Unit:m/m
a
b
d
ØA
"
" : Start
Marking :
C
D
B
E
+1.0
-0.5
ØW
c
(f)
(f) F : Lead Free
RADIAL CHOKE COIL
101
e
(e) Ink : Bon Margue
Pre-heating
40s max.
150°C
90 to 120s
260°C
REFLOW SOLDERINGS
230°C
180°C
RECOMMENDED SOLDERING CONDITIONS
10s max.
cooling
Natural


Similar Part No. - RCB05061R8MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB05061R8MZF SUPERWORLD-RCB05061R8MZF Datasheet
915Kb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCB05061R8MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com