Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSB1003821KZF Datasheet(PDF) 3 Page - Superworld Electronics

Part # PSB1003821KZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PSB1003821KZF Datasheet(HTML) 3 Page - Superworld Electronics

  PSB1003821KZF Datasheet HTML 1Page - Superworld Electronics PSB1003821KZF Datasheet HTML 2Page - Superworld Electronics PSB1003821KZF Datasheet HTML 3Page - Superworld Electronics PSB1003821KZF Datasheet HTML 4Page - Superworld Electronics PSB1003821KZF Datasheet HTML 5Page - Superworld Electronics PSB1003821KZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
05.05.2008
SMD POWER INDUCTORS
PSB1003 SERIES
7. CHARACTERISTICS CURVES :
1R8M
FREQUENCY(MHZ)
10
10-1
5
3
-3
10
10
0
5
3
10-1
5
3
-2
5
3
100
3 5
2
10
5
3
1
10
3
-1
10
-3
10
5
3
10-2
5
0
5
3
10
DC CURRENT (A)
0
10-1
10
3 5
3
1
10
5
3
2
10
5
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
4
10
2
101K
100M
1R8M
101
5
3
10
L
(uH)
5
3
102K
331K
3
10
3
5
3
5
0
1
0
20
10
4
10
2
(uH)
1
10
5
3
100M
10
5
3
L
101K
102K
3
10
3
5
331K
3
5
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
DC CURRENT (A)
3
25
47
68
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
40
30
50
(°C)
t
70
60
80
102K 331K 101K
90
100M
1R8M


Similar Part No. - PSB1003821KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PSB1004 SUPERWORLD-PSB1004 Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
PSB1004100MZF SUPERWORLD-PSB1004100MZF Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
PSB1004101KZF SUPERWORLD-PSB1004101KZF Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
PSB1004102KZF SUPERWORLD-PSB1004102KZF Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
PSB1004120MZF SUPERWORLD-PSB1004120MZF Datasheet
471Kb / 6P
   SMD POWER INDUCTORS
More results

Similar Description - PSB1003821KZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com