Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCC0606680KZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # RCC0606680KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCC0606680KZF Datasheet(HTML) 2 Page - Superworld Electronics

  RCC0606680KZF Datasheet HTML 1Page - Superworld Electronics RCC0606680KZF Datasheet HTML 2Page - Superworld Electronics RCC0606680KZF Datasheet HTML 3Page - Superworld Electronics RCC0606680KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
RADIAL CHOKE COIL
0.44
0.74
1K
180±10%
470±10%
560±10%
820±10%
680±10%
1000±10%
220±10%
390±10%
330±10%
270±10%
1.91
1K
2.31
4.45
3.10
2.67
1K
1K
1K
1K
0.96
1.12
1.66
1.48
1K
1K
1K
1K
0.27
0.23
0.19
0.21
0.25
0.36
0.30
0.33
0.40
RCC0606220KZF
0.14
2.52M
27±10%
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
68±10%
100±10%
82±10%
150±10%
120±10%
39±10%
56±10%
47±10%
33±10%
0.28
0.43
0.64
0.54
0.39
1K
1K
1K
0.17
0.19
0.23
0.26
2.52M
22±10%
0.11
1.14
0.72
0.59
0.48
0.54
0.66
0.87
0.80
1.03
0.95
1.27
Part No.
Max.
RDC
(
)
Inductance
( µH )
Test
Frequency
( Hz )
IDC
( A )
Max.
RCC0606270KZF
RCC0606330KZF
RCC0606390KZF
RCC0606470KZF
RCC0606560KZF
RCC0606680KZF
RCC0606820KZF
RCC0606101KZF
RCC0606121KZF
RCC0606151KZF
RCC0606181KZF
RCC0606221KZF
RCC0606271KZF
RCC0606331KZF
RCC0606391KZF
RCC0606471KZF
RCC0606561KZF
RCC0606681KZF
RCC0606821KZF
RCC0606102KZF
RCC0606 SERIES
01.07.2008
Natural
cooling
RECOMMENDED SOLDERING CONDITIONS
180°C
40s max.
90 to 120s
Pre-heating
150°C
REFLOW SOLDERINGS
260°C
230°C
10s max.


Similar Part No. - RCC0606680KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCC0606680KZF SUPERWORLD-RCC0606680KZF Datasheet
1Mb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCC0606680KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
RCB0812 SUPERWORLD-RCB0812 Datasheet
597Kb / 4P
   RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
   RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
   RADIAL CHOKE COIL
RCB1823100MZF SUPERWORLD-RCB1823100MZF_16 Datasheet
939Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com