Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCB0710822KZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # RCB0710822KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCB0710822KZF Datasheet(HTML) 2 Page - Superworld Electronics

  RCB0710822KZF Datasheet HTML 1Page - Superworld Electronics RCB0710822KZF Datasheet HTML 2Page - Superworld Electronics RCB0710822KZF Datasheet HTML 3Page - Superworld Electronics RCB0710822KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
RCB0710 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
22.04.2008
RADIAL CHOKE COIL
Part No.
RCB0710470KZF
RCB0710560KZF
RCB0710680KZF
RCB0710101KZF
RCB0710121KZF
RCB0710151KZF
RCB0710181KZF
RCB0710221KZF
RCB0710271KZF
RCB0710820KZF
RCB0710391KZF
RCB0710471KZF
RCB0710561KZF
RCB0710681KZF
RCB0710821KZF
RCB0710102KZF
RCB0710152KZF
RCB0710182KZF
RCB0710222KZF
RCB0710272KZF
RCB0710332KZF
RCB0710392KZF
RCB0710122KZF
RCB0710562KZF
RCB0710682KZF
RCB0710822KZF
RCB0710472KZF
RCB0710331KZF
0.796
45
200
1.60
2.50
330 ±10%
0.252
60
1800 ±10%
8200 ±10%
6800 ±10%
5600 ±10%
3900 ±10%
4700 ±10%
2200 ±10%
3300 ±10%
2700 ±10%
60
60
60
60
0.252
0.252
0.252
0.252
60
60
60
60
0.252
0.252
0.252
0.252
560 ±10%
680 ±10%
1000 ±10%
1500 ±10%
1200 ±10%
820 ±10%
470 ±10%
390 ±10%
60
60
45
45
0.252
0.252
0.796
0.252
45
45
45
45
0.796
0.796
0.796
0.796
90
7.00
0.80
0.44
0.40
0.48
0.50
24.00
30.00
16.00
18.00
0.70
0.55
0.60
0.75
9.00
12.00
14.00
8.00
40
36
50
45
70
60
55
80
180
160
140
130
120
100
110
150
1.10
0.90
1.40
1.50
4.40
6.00
3.10
3.90
2.20
1.70
2.00
2.30
2.00
2.90
2.50
1.80
2.52
30
56 ±10%
270 ±10%
220 ±10%
180 ±10%
150 ±10%
120 ±10%
100 ±10%
82 ±10%
68 ±10%
0.796
45
45
45
45
0.796
0.796
0.796
45
45
30
30
0.796
0.796
2.52
2.52
Inductance
47 ±10%
( µH )
Min.
30
Q
( MHz )
2.52
Test Frequency
400
0.45
5.50
360
340
320
280
260
240
220
300
0.90
3.40
3.00
2.80
3.20
1.20
1.40
1.00
3.60
4.20
4.50
5.00
0.60
0.70
0.50
0.50
Max.
( mA )
IDC
450
Min.
6.00
SRF
( MHz )
Max.
0.40
(
)
RDC
0.0796
0.0796
0.0796
0.0796
0.0796
0.0796
0.0796
0.0796
0.0796
60
12000 ±10%
RCB0710123KZF
15000 ±10%
18000 ±10%
22000 ±10%
33000 ±10%
39000 ±10%
47000 ±10%
27000 ±10%
RCB0710333KZF
RCB0710473KZF
RCB0710393KZF
RCB0710183KZF
RCB0710223KZF
RCB0710153KZF
RCB0710273KZF
60
60
60
60
60
60
60
10000 ±10%
RCB0710103KZF
60
46.00
32
0.32
54.00
92.00
76.00
150.00
162.00
140.00
102.00
0.16
0.10
0.13
0.24
0.20
0.30
0.28
20
16
18
22
25
30
27
39.00
0.36
34


Similar Part No. - RCB0710822KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB0710822KZF SUPERWORLD-RCB0710822KZF Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCB0710822KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
RCB0812 SUPERWORLD-RCB0812 Datasheet
597Kb / 4P
   RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
   RADIAL CHOKE COIL
RCC0606 SUPERWORLD-RCC0606 Datasheet
354Kb / 4P
   RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
   RADIAL CHOKE COIL
RCB1823100MZF SUPERWORLD-RCB1823100MZF_16 Datasheet
939Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com