Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB5930BT3 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 1SMB5930BT3
Description  PLASTIC SURFACE MOUNT ZENER DIODES 3 WATTS 3.3.200 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

1SMB5930BT3 Datasheet(HTML) 1 Page - Motorola, Inc

  1SMB5930BT3 Datasheet HTML 1Page - Motorola, Inc 1SMB5930BT3 Datasheet HTML 2Page - Motorola, Inc 1SMB5930BT3 Datasheet HTML 3Page - Motorola, Inc 1SMB5930BT3 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA
Motorola TVS/Zener Device Data
7-1
3 Watt DC Power Data Sheet
Devices listed in bold, italic are Motorola preferred devices.
3 Watt Plastic Surface Mount
Silicon Zener Diodes
This complete new line of 3 Watt Zener Diodes offers the following advantages.
Specification Features:
A Complete Voltage Range — 3.3 to 200 Volts
Flat Handling Surface for Accurate Placement
Package Design for Top Side or Bottom Circuit Board Mounting
Available in Tape and Reel
Mechanical Characteristics:
CASE: Void-free, transfer-molded plastic
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES: 260
°C for 10 seconds
FINISH: All external surfaces are corrosion resistant with readily solderable leads
POLARITY: Cathode indicated by molded polarity notch. When operated in zener mode,
cathode will be positive with respect to anode.
MOUNTING POSITION: Any
WEIGHT: Modified L-Bend providing more contact area to bond pad
WAFER FAB LOCATION: Phoenix, Arizona
ASSEMBLY/TEST LOCATION: Seremban, Malaysia
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DC Power Dissipation @ TL = 75°C, Measured at Zero Lead Length
Derate above 75
°C
PD
3
40
Watts
mW/
°C
DC Power Dissipation @ TA = 25°C*
Derate above 25
°C
PD
830
6.6
mW
mW/
°C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to +150
°C
*FR4 Board, within 1
″ to device, using Motorola minimum recommended footprint, as shown in case 403A outline dimensions spec.
ELECTRICAL CHARACTERISTICS (TL = 30°C unless otherwise noted.) (VF = 1.5 Volts Max @ IF = 200 mAdc for all types.)
Device*
Nominal
Zener Voltage
VZ @ IZT
Volts
(Note 1)
Test
Current
IZT
mA
Max Zener Impedance (Note 2)
Max Reverse
Leakage Current
Maximum DC
Zener
Current
IZM
mAdc
Device
Marking
Device*
VZ @ IZT
Volts
(Note 1)
Current
IZT
mA
ZZT @ IZT
Ohms
ZZK
Ohms
IZK
mA
@
IR
µA
VR
Volts
@
Current
IZM
mAdc
Device
Marking
1SMB5913BT3
3.3
113.6
10
500
1
100
1
454
913B
1SMB5914BT3
3.6
104.2
9
500
1
75
1
416
914B
1SMB5915BT3
3.9
96.1
7.5
500
1
25
1
384
915B
1SMB5916BT3
4.3
87.2
6
500
1
5
1
348
916B
1SMB5917BT3
4.7
79.8
5
500
1
5
1.5
319
917B
1SMB5918BT3
5.1
73.5
4
350
1
5
2
294
918B
1SMB5919BT3
5.6
66.9
2
250
1
5
3
267
919B
1SMB5920BT3
6.2
60.5
2
200
1
5
4
241
920B
1SMB5921BT3
6.8
55.1
2.5
200
1
5
5.2
220
921B
1SMB5922BT3
7.5
50
3
400
0.5
5
6.8
200
922B
1SMB5923BT3
8.2
45.7
3.5
400
0.5
5
6.5
182
923B
1SMB5924BT3
9.1
41.2
4
500
0.5
5
7
164
924B
1SMB5925BT3
10
37.5
4.5
500
0.25
5
8
150
925B
1SMB5926BT3
11
34.1
5.5
550
0.25
1
8.4
136
926B
1SMB5927BT3
12
31.2
6.5
550
0.25
1
9.1
125
927B
1SMB5928BT3
13
28.8
7
550
0.25
1
9.9
115
928B
(continued)
*TOLERANCE AND VOLTAGE DESIGNATION
Tolerance designation — The type numbers listed indicate a tolerance of
±5%.
CASE 403A
PLASTIC
1SMB5913BT3
through
1SMB5956BT3
PLASTIC SURFACE MOUNT
ZENER DIODES
3 WATTS
3.3–200 VOLTS


Similar Part No. - 1SMB5930BT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMB5930BT3 ONSEMI-1SMB5930BT3 Datasheet
70Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
1SMB5930BT3 ONSEMI-1SMB5930BT3 Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
1SMB5930BT3G ONSEMI-1SMB5930BT3G Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
1SMB5930BT3G ONSEMI-1SMB5930BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMB5930BT3G ONSEMI-1SMB5930BT3G Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
More results

Similar Description - 1SMB5930BT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1PMT5913BT3 MOTOROLA-1PMT5913BT3 Datasheet
138Kb / 6P
   PLASTIC SURFACE MOUNT ZENER DIODES 2.5 WATTS 3.3.91 VOLTS
1SMA5913BT3 MOTOROLA-1SMA5913BT3 Datasheet
153Kb / 6P
   PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.3-68 VOLTS
logo
SUNMATE electronic Co.,...
BZG03C10 SUNMATE-BZG03C10 Datasheet
170Kb / 2P
   3 Watts Surface Mount Zener Diodes
Z3SMB6V2 SUNMATE-Z3SMB6V2 Datasheet
209Kb / 2P
   3 Watts Surface Mount Zener Diodes
SZ553J SUNMATE-SZ553J Datasheet
80Kb / 2P
   3 Watts Surface Mount Zener Diodes
ZM4728A SUNMATE-ZM4728A Datasheet
133Kb / 2P
   1 Watts Surface Mount Zener Diodes
SZ252H SUNMATE-SZ252H Datasheet
69Kb / 2P
   1.3 Watts Surface Mount Zener Diodes
logo
Shenzhen Taychipst Elec...
1SMA5913B TAYCHIPST-1SMA5913B Datasheet
8Mb / 4P
   PLASTIC SURFACE MOUNT ZENER DIODES
logo
SUNMATE electronic Co.,...
DL4728A SUNMATE-DL4728A Datasheet
105Kb / 2P
   1 Watts Surface Mount Zener Diodes
1SMA5913B SUNMATE-1SMA5913B Datasheet
325Kb / 2P
   1.5 Watts Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com