Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6071B Datasheet(PDF) 4 Page - Motorola, Inc

Part # 2N6071B
Description  TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N6071B Datasheet(HTML) 4 Page - Motorola, Inc

  2N6071B Datasheet HTML 1Page - Motorola, Inc 2N6071B Datasheet HTML 2Page - Motorola, Inc 2N6071B Datasheet HTML 3Page - Motorola, Inc 2N6071B Datasheet HTML 4Page - Motorola, Inc 2N6071B Datasheet HTML 5Page - Motorola, Inc 2N6071B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N6071A,B 2N6073A,B 2N6075A,B
4
Motorola Thyristor Device Data
IT(AV), AVERAGE ON-STATE CURRENT (AMP)
140
120
100
80
60
40
20
0
–20
–40
–60
0.3
0.5
0.7
1.0
2.0
2.0
3.0
0.5
0.3
0.7
1.0
120
3.0
–60
–40
–20
0
20
40
60
80
100
140
OFF-STATE VOLTAGE = 12 Vdc
ALL MODES
OFF-STATE VOLTAGE = 12 Vdc
ALL MODES
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
120
°
90
°
30
°
dc
0
2.0
4.0
8.0
6.0
4.0
3.0
2.0
1.0
IT(RMS), RMS ON-STATE CURRENT (AMP)
3.0
0
0
2.0
4.0
6.0
0
1.0
2.0
8.0
4.0
α = 30°
60
°
90
°
120
°
180
°
dc
IT(AV), AVERAGE ON-STATE CURRENT (AMP)
80
3.0
90
70
100
0
1.0
2.0
110
4.0
60
°
120
°
dc
α = CONDUCTION ANGLE
α
α
α
α = CONDUCTION ANGLE
α
70
80
3.0
100
0
1.0
2.0
90
α
α
110
120
°
180
°
dc
90
°
α = 30°
α
α
α = CONDUCTION ANGLE
4.0
IT(RMS), RMS ON-STATE CURRENT (AMP)
180
°
α = 30°
90
°
α = CONDUCTION ANGLE
60
°
60
°
FIGURE 1 – AVERAGE CURRENT DERATING
FIGURE 2 – RMS CURRENT DERATING
FIGURE 3 – POWER DISSIPATION
FIGURE 5 – TYPICAL GATE-TRIGGER VOLTAGE
FIGURE 4 – POWER DISSIPATION
FIGURE 6 – TYPICAL GATE-TRIGGER CURRENT
α = 180°


Similar Part No. - 2N6071B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6071B ONSEMI-2N6071B Datasheet
119Kb / 8P
   Sensitive Gate Triacs
March, 2008 - Rev. 8
logo
Central Semiconductor C...
2N6071B CENTRAL-2N6071B Datasheet
81Kb / 2P
   SENSITIVE GATE TRIAC 4.0 AMPS, 200 THRU 600 VOLTS
logo
ON Semiconductor
2N6071B ONSEMI-2N6071B Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
logo
Digitron Semiconductors
2N6071B DIGITRON-2N6071B Datasheet
980Kb / 4P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
2N6071B KERSEMI-2N6071B Datasheet
435Kb / 7P
   Sensitive Gate Triacs
More results

Similar Description - 2N6071B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC6071 MOTOROLA-MAC6071 Datasheet
233Kb / 8P
   TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
T2800 MOTOROLA-T2800 Datasheet
69Kb / 4P
   TRIACs 8 AMPERES RMS 200 thru 600 VOLTS
T2322 MOTOROLA-T2322 Datasheet
79Kb / 4P
   SENSITIVE GATE TRIACs 2.5 AMPERES RMS 200 thru 600 VOLTS
MAC4DCM MOTOROLA-MAC4DCM Datasheet
156Kb / 8P
   TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS
MAC250 MOTOROLA-MAC250 Datasheet
87Kb / 2P
   TRIACS 15 AMPERES RMS 200 THRU 800 VOLTS
MAC210-4 MOTOROLA-MAC210-4 Datasheet
66Kb / 4P
   TRIACs 10 AMPERES RMS 200 thru 800 VOLTS
MAC218 MOTOROLA-MAC218 Datasheet
86Kb / 4P
   TRIACs 8 AMPERES RMS 200 thru 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
T2500 MOTOROLA-T2500 Datasheet
69Kb / 4P
   TRIACs 6 AMPERES RMS 200 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC212 NJSEMI-MAC212 Datasheet
141Kb / 2P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com