Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBT16861 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT16861
Description  20-BIT FET BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16861 Datasheet(HTML) 1 Page - Texas Instruments

  SN74CBT16861 Datasheet HTML 1Page - Texas Instruments SN74CBT16861 Datasheet HTML 2Page - Texas Instruments SN74CBT16861 Datasheet HTML 3Page - Texas Instruments SN74CBT16861 Datasheet HTML 4Page - Texas Instruments SN74CBT16861 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN74CBT16861
20-BIT FET BUS SWITCH
SCDS068A – JULY 1998 – REVISED DECEMBER 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input Levels
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D Package Options Include Plastic Thin
Shrink Small-Outline (DGG) and Shrink
Small-Outline (DL) Packages
description
The
SN74CBT16861
provides
20
bits
of
high-speed TTL-compatible bus switching. The
low on-state resistance of the switch allows
connections to be made with minimal propagation
delay.
The device is organized as one dual 10-bit switch
with separate output-enable (OE) input. When OE
is low, the switch is on, and port A is connected to
port B. When OE is high, the switch is open, and
the high-impedance state exists between the two
ports.
The
SN74CBT16861
is
characterized
for
operation from –40
°C to 85°C.
FUNCTION TABLE
(each 10-bit bus switch)
INPUT
OE
FUNCTION
L
A port = B port
H
Disconnect
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated
DGG OR DL PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
NC
1A1
1A2
1A3
1A4
1A5
1A6
1A7
1A8
1A9
1A10
GND
NC
2A1
2A2
2A3
2A4
2A5
2A6
2A7
2A8
2A9
2A10
GND
VCC
1OE
1B1
1B2
1B3
1B4
1B5
1B6
1B7
1B8
1B9
1B10
VCC
2OE
2B1
2B2
2B3
2B4
2B5
2B6
2B7
2B8
2B9
2B10
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74CBT16861

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16861 TI-SN74CBT16861 Datasheet
280Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT16861DGGR TI-SN74CBT16861DGGR Datasheet
280Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT16861DGVR TI-SN74CBT16861DGVR Datasheet
280Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT16861DL TI-SN74CBT16861DL Datasheet
280Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT16861DLG4 TI-SN74CBT16861DLG4 Datasheet
280Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH
More results

Similar Description - SN74CBT16861

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16210 TI-SN74CBT16210 Datasheet
66Kb / 4P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT16861 TI-SN74CBT16861_07 Datasheet
280Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBTR16861 TI-SN74CBTR16861 Datasheet
153Kb / 9P
[Old version datasheet]   20-BIT FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT16210 RENESAS-HD74CBT16210 Datasheet
119Kb / 12P
   20-bit FET Bus Switch
logo
Texas Instruments
SN74CBT16210DGGR TI-SN74CBT16210DGGR Datasheet
382Kb / 13P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210_08 Datasheet
344Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210_07 Datasheet
314Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210 Datasheet
171Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210_09 Datasheet
349Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBT16800 TI1-SN74CBT16800 Datasheet
71Kb / 5P
[Old version datasheet]   20-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com