Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCC1014390KZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # RCC1014390KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCC1014390KZF Datasheet(HTML) 2 Page - Superworld Electronics

  RCC1014390KZF Datasheet HTML 1Page - Superworld Electronics RCC1014390KZF Datasheet HTML 2Page - Superworld Electronics RCC1014390KZF Datasheet HTML 3Page - Superworld Electronics RCC1014390KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
RADIAL CHOKE COIL
2.10
2.52M
0.117
68.0±10%
0.570
1K
390.0±10%
1000.0±10%
820.0±10%
560.0±10%
680.0±10%
470.0±10%
1.600
1K
1K
1K
1K
1K
0.960
1.220
0.650
0.790
2.52M
180.0±10%
330.0±10%
270.0±10%
220.0±10%
150.0±10%
100.0±10%
120.0±10%
82.0±10%
0.260
1K
1K
1K
1K
0.390
0.520
0.350
1K
1K
1K
0.195
0.221
0.130
0.143
0.92
0.52
0.69
0.62
0.84
0.75
1.30
1.10
1.00
1.20
1.50
1.40
1.90
1.70
RCC1014100KZF
0.035
2.52M
12.0±10%
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
33.0±10%
56.0±10%
47.0±10%
39.0±10%
22.0±10%
27.0±10%
18.0±10%
15.0±10%
0.064
0.083
0.104
0.074
0.057
0.051
0.039
0.047
2.52M
10.0±10%
0.033
3.90
2.90
2.50
2.30
2.70
3.10
3.30
3.70
3.50
4.00
Part No.
(
)
Max.
RDC
Inductance
( µH )
Test
( Hz )
Frequency
IDC
( A )
Max.
RCC1014120KZF
RCC1014150KZF
RCC1014180KZF
RCC1014220KZF
RCC1014270KZF
RCC1014330KZF
RCC1014390KZF
RCC1014470KZF
RCC1014560KZF
RCC1014680KZF
RCC1014820KZF
RCC1014101KZF
RCC1014121KZF
RCC1014151KZF
RCC1014181KZF
RCC1014221KZF
RCC1014271KZF
RCC1014331KZF
RCC1014391KZF
RCC1014471KZF
RCC1014561KZF
RCC1014681KZF
RCC1014821KZF
RCC101410
2KZF
RCC1014 SERIES
01.07.2008
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERINGS
cooling
230°C
40s max.
150°C
Pre-heating
90 to 120s
180°C
10s max.
260°C
Natural


Similar Part No. - RCC1014390KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCC1014390KZF SUPERWORLD-RCC1014390KZF Datasheet
931Kb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCC1014390KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
RCB0812 SUPERWORLD-RCB0812 Datasheet
597Kb / 4P
   RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
   RADIAL CHOKE COIL
RCC0606 SUPERWORLD-RCC0606 Datasheet
354Kb / 4P
   RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
   RADIAL CHOKE COIL
RCB1823100MZF SUPERWORLD-RCB1823100MZF_16 Datasheet
939Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com