Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCS1008331KZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # RCS1008331KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCS1008331KZF Datasheet(HTML) 2 Page - Superworld Electronics

  RCS1008331KZF Datasheet HTML 1Page - Superworld Electronics RCS1008331KZF Datasheet HTML 2Page - Superworld Electronics RCS1008331KZF Datasheet HTML 3Page - Superworld Electronics RCS1008331KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
RCS1008 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
18.04.2008
RADIAL CHOKE COIL
0.96
0.18
2.52M
RCS1008820KZF
82±10%
RCS1008561KZF
RCS1008681KZF
RCS1008821KZF
RCS1008102KZF
RCS1008221KZF
RCS1008271KZF
RCS1008331KZF
RCS1008391KZF
RCS1008471KZF
RCS1008101KZF
RCS1008121KZF
RCS1008151KZF
RCS1008181KZF
1.34
1K
560±10%
680±10%
1000±10%
820±10%
1.53
2.30
2.10
1K
1K
1K
220±10%
270±10%
390±10%
330±10%
470±10%
100±10%
180±10%
150±10%
120±10%
0.54
1K
0.76
0.86
0.93
1.23
1K
1K
1K
1K
0.24
0.40
0.35
0.20
1K
1K
1K
1K
0.38
0.28
0.34
0.32
0.61
0.44
0.41
0.56
0.50
0.73
0.64
0.80
0.92
RCS1008330MZF
RCS1008470MZF
RCS1008560KZF
RCS1008680KZF
RCS1008390MZF
RCS1008150MZF
RCS1008180MZF
RCS1008220MZF
RCS1008270MZF
RCS1008100MZF
RCS1008120MZF
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
2.52M
33±20%
47±20%
39±20%
68±10%
56±10%
18±20%
27±20%
22±20%
15±20%
0.11
0.14
0.15
0.16
0.12
0.07
0.09
0.10
0.08
2.52M
2.52M
10±20%
12±20%
0.05
0.06
1.60
1.20
1.00
1.28
1.38
2.00
1.76
2.30
2.10
2.80
2.50
(
)
Max.
RDC
Inductance
( µH )
Test
Frequency
( Hz )
IDC
( A )
Max.
Part No.
RECOMMENDED SOLDERING CONDITIONS
cooling
Natural
Pre-heating
40s max.
90 to 120s
150°C
230°C
180°C
260°C
10s max.
REFLOW SOLDERINGS


Similar Part No. - RCS1008331KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCS1008331KZF SUPERWORLD-RCS1008331KZF Datasheet
913Kb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCS1008331KZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCS1010 SUPERWORLD-RCS1010 Datasheet
455Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
RCB0812 SUPERWORLD-RCB0812 Datasheet
597Kb / 4P
   RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
   RADIAL CHOKE COIL
RCC0606 SUPERWORLD-RCC0606 Datasheet
354Kb / 4P
   RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
   RADIAL CHOKE COIL
RCB1823100MZF SUPERWORLD-RCB1823100MZF_16 Datasheet
939Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com