Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-9412P-F20FG Datasheet(PDF) 9 Page - Source Photonics, Inc.

Part # FTM-9412P-F20FG
Description  SFF GEPON PX20 ONU Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9412P-F20FG Datasheet(HTML) 9 Page - Source Photonics, Inc.

Back Button FTM-9412P-F20FG Datasheet HTML 4Page - Source Photonics, Inc. FTM-9412P-F20FG Datasheet HTML 5Page - Source Photonics, Inc. FTM-9412P-F20FG Datasheet HTML 6Page - Source Photonics, Inc. FTM-9412P-F20FG Datasheet HTML 7Page - Source Photonics, Inc. FTM-9412P-F20FG Datasheet HTML 8Page - Source Photonics, Inc. FTM-9412P-F20FG Datasheet HTML 9Page - Source Photonics, Inc. FTM-9412P-F20FG Datasheet HTML 10Page - Source Photonics, Inc. FTM-9412P-F20FG Datasheet HTML 11Page - Source Photonics, Inc. FTM-9412P-F20FG Datasheet HTML 12Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SFF GEPON PX20 ONU Transceiver
IEEE802.3ah™ 1000BASE-PX20
Aug. 20, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 9 of 12
Mechanical Design Diagram
The form factor is 2×5 SFF with pigtail fiber. The pigtail fiber has a length 1000 - 1600mm and 30mm minimum
bending radius. The fiber connector type is SC/UPC. The mechanical design diagram is shown in Figure 5.
(Dimension in mm)
Figure 5 Mechanical Design Diagram (2×5 SFF)
Table 8 - Pigtail Fibre Characteristics
Parameter
Min.
Typical
Max.
Unit
Mode Field Diameter
9
µm
Cladding Diameter
125
µm
Jacket Diameter
0.9
mm
Bending Radius of Pigtail Fiber
30
mm
Tension Force on Pigtail Fiber
1
Kg
Pigtail Fiber Length
1000
1600
mm
Optical Return Loss (UPC type) -1310nm
50
dB


Similar Part No. - FTM-9412P-F20FG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9412P-F20 SOURCE-FTM-9412P-F20 Datasheet
290Kb / 11P
   SFF GE-PON PX20 ONU Transceiver
FTM-9412P-F20G SOURCE-FTM-9412P-F20G Datasheet
290Kb / 11P
   SFF GE-PON PX20 ONU Transceiver
FTM-9412P-F20i SOURCE-FTM-9412P-F20i Datasheet
290Kb / 11P
   SFF GE-PON PX20 ONU Transceiver
FTM-9412P-F20iG SOURCE-FTM-9412P-F20iG Datasheet
290Kb / 11P
   SFF GE-PON PX20 ONU Transceiver
More results

Similar Description - FTM-9412P-F20FG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9412P-F10 SOURCE-FTM-9412P-F10 Datasheet
300Kb / 11P
   2x5 SFF GEPON ONU Transceiver
FTM-9412P-F20 SOURCE-FTM-9412P-F20 Datasheet
290Kb / 11P
   SFF GE-PON PX20 ONU Transceiver
FTM-9412S-F20F SOURCE-FTM-9412S-F20F Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
FTM-9412S-F20G SOURCE-FTM-9412S-F20G Datasheet
847Kb / 11P
   2x5 SFF GEPON ONU Transceiver FTM-9412S-F20(i)(DC)G
FTM-9812T-C10 SOURCE-FTM-9812T-C10 Datasheet
301Kb / 12P
   GEPON ONU Triplexer
FTM-9712P-F20 SOURCE-FTM-9712P-F20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9423P-F10DC SOURCE-FTM-9423P-F10DC Datasheet
250Kb / 10P
   SFF 1.25G/2.5G EPON ONU Transceiver
FTM-9412S-F10 SOURCE-FTM-9412S-F10 Datasheet
810Kb / 11P
   2x5 SFF GE-PON ONU Diplexer
logo
Optoway Technology Inc
NU-73H74H-PG OPTOWAY-NU-73H74H-PG Datasheet
159Kb / 5P
   3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX20-U ONU Transceiver
logo
Hitachi Semiconductor
HTR6545 HITACHI-HTR6545 Datasheet
284Kb / 10P
   SFF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com