Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI0805HQ-30NF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SCI0805HQ-30NF
Description  WIREWOUND CHIP INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0805HQ-30NF Datasheet(HTML) 2 Page - Superworld Electronics

  SCI0805HQ-30NF Datasheet HTML 1Page - Superworld Electronics SCI0805HQ-30NF Datasheet HTML 2Page - Superworld Electronics SCI0805HQ-30NF Datasheet HTML 3Page - Superworld Electronics SCI0805HQ-30NF Datasheet HTML 4Page - Superworld Electronics SCI0805HQ-30NF Datasheet HTML 5Page - Superworld Electronics SCI0805HQ-30NF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
d) Rated current : Base on temp. rise & L/L0A=10% Max.
c) Temperature rise : 40°C Max.
b) Operating temp. : -40°C to +125°C
a) Storage temp. : -25°C to +80°C
SCI0805HQ SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
15.01.2008
e) Resistance to solder heat : 260°C.10sec
5. GENERAL SPECIFICATION :
WIREWOUND CHIP INDUCTORS
65
65
65
65
98
80
80
88
75
70
75
72
250
K, J, G
20
SCI0805HQ-20N F
K, J, G
K, J, G
K, J, G
K, J, G
K, J, G
SCI0805HQ-48N F
SCI0805HQ-51N F
SCI0805HQ-27N F
SCI0805HQ-39N F
SCI0805HQ-30N F
200
48
51
200
27
39
30
250
250
250
K, J, G
K, J, G
SCI0805HQ-6N2 F
SCI0805HQ-16N F
SCI0805HQ-12N F
SCI0805HQ-18N F
SCI0805HQ-2N5 F
SCI0805HQ-5N6 F
250
6.2
K, J
12
18
16
K, J
250
250
250
K, J
K, J
5.6
2.5
250
250
1400
500
0.055
2050
0.120
0.070
0.095
0.110
0.095
500
1400
500
1400
500
500
500
2000
1600
1950
1200
1000
1300
1200
1100
0.035
0.020
0.035
0.045
0.060
0.060
1000
4750
500
1000
500
2550
3000
2950
1500
1500
6000
6000
1600
1600
1500
1400
1600
1600
80
SCI0805HQ-6N8 F
250
6.8
K, J
0.035
1000
4400
1600
75
SCI0805HQ-8N2 F
250
8.2
K, J
0.075
1000
3000
1000
Inductance tolerance :
: G : ±2%
K : ±10%
J : ±5%
Part No.
( nH )
Tolerance
Available
L
Freq
( MHz )
Test
Freq
Min.
( MHz )
Q
Q Test
Max.
DCR
( MHz )
( )
Min.
SRF
(mA)
Max.
IDC


Similar Part No. - SCI0805HQ-30NF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI0805HQ-30NF SUPERWORLD-SCI0805HQ-30NF Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SCI0805HQ-30NF

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com