Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-9412S-F10DCG Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part # FTM-9412S-F10DCG
Description  2x5 SFF GE-PON ONU Diplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9412S-F10DCG Datasheet(HTML) 8 Page - Source Photonics, Inc.

Back Button FTM-9412S-F10DCG Datasheet HTML 3Page - Source Photonics, Inc. FTM-9412S-F10DCG Datasheet HTML 4Page - Source Photonics, Inc. FTM-9412S-F10DCG Datasheet HTML 5Page - Source Photonics, Inc. FTM-9412S-F10DCG Datasheet HTML 6Page - Source Photonics, Inc. FTM-9412S-F10DCG Datasheet HTML 7Page - Source Photonics, Inc. FTM-9412S-F10DCG Datasheet HTML 8Page - Source Photonics, Inc. FTM-9412S-F10DCG Datasheet HTML 9Page - Source Photonics, Inc. FTM-9412S-F10DCG Datasheet HTML 10Page - Source Photonics, Inc. FTM-9412S-F10DCG Datasheet HTML 11Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2×5 SFF GE-PON ONU Diplexer
FTM-9412S-F10(G)/ FTM-9412S-F10DC(G)
IEEE 802.3ah
TM 1000BASE-PX10U
Preliminary Data Sheet
Mar. 1, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Doc No: DS3493010-1f
Page 8 of 11
Mechanical Design Diagram
The form factor is 2×5 SFF.
The mechanical design diagram is shown in Figure 5. (Dimension in mm)
Figure 5 Mechanical Design Diagram


Similar Part No. - FTM-9412S-F10DCG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9412S-F20DCG SOURCE-FTM-9412S-F20DCG Datasheet
847Kb / 11P
   2x5 SFF GEPON ONU Transceiver FTM-9412S-F20(i)(DC)G
FTM-9412S-F20F SOURCE-FTM-9412S-F20F Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
FTM-9412S-F20FD SOURCE-FTM-9412S-F20FD Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
FTM-9412S-F20FDG SOURCE-FTM-9412S-F20FDG Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
FTM-9412S-F20FG SOURCE-FTM-9412S-F20FG Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
More results

Similar Description - FTM-9412S-F10DCG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9412S-F20F SOURCE-FTM-9412S-F20F Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
FTM-9412P-F20 SOURCE-FTM-9412P-F20 Datasheet
290Kb / 11P
   SFF GE-PON PX20 ONU Transceiver
FTM-9412P-F10 SOURCE-FTM-9412P-F10 Datasheet
300Kb / 11P
   2x5 SFF GEPON ONU Transceiver
logo
Optoway Technology Inc
NU-73D74D-PG OPTOWAY-NU-73D74D-PG Datasheet
159Kb / 5P
   3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX10-U ONU Transceiver
NU-73H74H-PG OPTOWAY-NU-73H74H-PG Datasheet
159Kb / 5P
   3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX20-U ONU Transceiver
logo
Source Photonics, Inc.
FTM-9412S-F20G SOURCE-FTM-9412S-F20G Datasheet
847Kb / 11P
   2x5 SFF GEPON ONU Transceiver FTM-9412S-F20(i)(DC)G
FTM-9412P-F20FG SOURCE-FTM-9412P-F20FG Datasheet
316Kb / 12P
   SFF GEPON PX20 ONU Transceiver
logo
Optoway Technology Inc
LT-74H73H-PG OPTOWAY-LT-74H73H-PG Datasheet
122Kb / 5P
   3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver
logo
Source Photonics, Inc.
FTM-9423P-F10DC SOURCE-FTM-9423P-F10DC Datasheet
250Kb / 10P
   SFF 1.25G/2.5G EPON ONU Transceiver
logo
Optoway Technology Inc
NU-33B54B-R OPTOWAY-NU-33B54B-R Datasheet
118Kb / 5P
   155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package, Class B B-PON ONU Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com