Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCS1010180MZF Datasheet(PDF) 1 Page - Superworld Electronics

Part # RCS1010180MZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCS1010180MZF Datasheet(HTML) 1 Page - Superworld Electronics

  RCS1010180MZF Datasheet HTML 1Page - Superworld Electronics RCS1010180MZF Datasheet HTML 2Page - Superworld Electronics RCS1010180MZF Datasheet HTML 3Page - Superworld Electronics RCS1010180MZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : 100 = 10uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
15.00±3.0
A
B
C
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
3. SCHEMATIC :
(d) Tolerance code : K = ±10%, M = ±20%
(e) X, Y, Z : Standard part
5. GENERAL SPECIFICATION :
c) Storage temp. : -40°C to +125°C
b) Temp. rise : 40°C max. at rated current
a) The inductance drop at rated is 10% max.
RCS1010 SERIES
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
18.04.2008
4.00±0.5
5.00±0.5
10.0±0.5
Unit:m/m
(f)
(f) F : Lead Free
RADIAL CHOKE COIL
10.0±0.5
F2
d) Operating temp. : -40°C to +85°C
R C S 1 0 1 0 1 0 0 M Z F
A
B
C
F1
0.80±0.10
6.40±0.5
ØW
F1
F3
g
a
f
b
(a) Core : DR Ferrite Core
(d) Wire : Enamelled Copper Wire
(e) Lead : Tinned Copper Wire
(f) Adhesive : Epoxy
(g) Ink : Bon Margue
e
(b) Core : RI Ferrite Core
(c) Sleeve : Phenolic
d
c
3
4
1
2
3
1
Cut off Pin
,


Similar Part No. - RCS1010180MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCS1010180MZF SUPERWORLD-RCS1010180MZF Datasheet
930Kb / 4P
   RADIAL CHOKE COIL
More results

Similar Description - RCS1010180MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
RCB1823 SUPERWORLD-RCB1823 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB1620 SUPERWORLD-RCB1620 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCB0710470KZF SUPERWORLD-RCB0710470KZF_16 Datasheet
914Kb / 4P
   RADIAL CHOKE COIL
RCB0810 SUPERWORLD-RCB0810 Datasheet
601Kb / 4P
   RADIAL CHOKE COIL
RCB0812 SUPERWORLD-RCB0812 Datasheet
597Kb / 4P
   RADIAL CHOKE COIL
RCB2023 SUPERWORLD-RCB2023 Datasheet
596Kb / 4P
   RADIAL CHOKE COIL
RCC0605 SUPERWORLD-RCC0605 Datasheet
373Kb / 4P
   RADIAL CHOKE COIL
RCC0606 SUPERWORLD-RCC0606 Datasheet
354Kb / 4P
   RADIAL CHOKE COIL
RCC0807 SUPERWORLD-RCC0807 Datasheet
375Kb / 4P
   RADIAL CHOKE COIL
RCB1823100MZF SUPERWORLD-RCB1823100MZF_16 Datasheet
939Kb / 4P
   RADIAL CHOKE COIL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com