Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB1203 Datasheet(PDF) 1 Page - Superworld Electronics

Part # SDB1203
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDB1203 Datasheet(HTML) 1 Page - Superworld Electronics

  SDB1203 Datasheet HTML 1Page - Superworld Electronics SDB1203 Datasheet HTML 2Page - Superworld Electronics SDB1203 Datasheet HTML 3Page - Superworld Electronics SDB1203 Datasheet HTML 4Page - Superworld Electronics SDB1203 Datasheet HTML 5Page - Superworld Electronics SDB1203 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S D B 1 2 0 3 1 R 5 Y Z F
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : 1R5 = 1.5uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
A
B
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Core : DR Ferrite Core
(c) Base : LCP
(d) Wire : Enamelled Copper Wire
(e) Tape : Mylar Tape
3. SCHEMATIC :
(d) Tolerance code : M = ±20%, Y = ±30%
(e) X, Y, Z : Standard part
5. GENERAL SPECIFICATION :
c) Storage temp. : -40°C to +125°C
b) Rated current : Base on temp. rise & L/L0A = 20% Max.
a) Temp. rise : 45°C Max.
SDB1203 SERIES
SMD POWER INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
07.05.2008
PCB Pattern
3.90 Max.
CD
5.0±0.2
12.5±0.3
12.5±0.3
7.0 Ref.
FG
7.6±0.2
Unit:m/m
(f) Terminal : Tinned Copper Plate
I
G
I
(b) Core : RI Ferrite Core
2.8 Ref.
I
H
5.4 Ref.
(g) Adhesive : Epoxy
f
c
d
a
g
e
b
F
E
B
C
2.2±0.2
E
d) Operating temp. : -40°C to +80°C
e) Resistance to solder heat : 260°C.10secs
h
(h) Ink : Bon Margue
(f)
(f) F : Lead Free


Similar Part No. - SDB1203

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB1200 KODENSHI-SDB1200 Datasheet
267Kb / 5P
   Schottky Barrier Rectifier
logo
Suntac Electronic Corp.
SDB1200E70 SUNTAC-SDB1200E70 Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
SDB1200G SUNTAC-SDB1200G Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
SDB1200S SUNTAC-SDB1200S Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
logo
Superworld Electronics
SDB1204 SUPERWORLD-SDB1204 Datasheet
772Kb / 7P
   SMD POWER INDUCTORS
More results

Similar Description - SDB1203

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com