Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB0905121MZF Datasheet(PDF) 4 Page - Superworld Electronics

Part # SDB0905121MZF
Description  SMD POWER INDUCTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDB0905121MZF Datasheet(HTML) 4 Page - Superworld Electronics

  SDB0905121MZF Datasheet HTML 1Page - Superworld Electronics SDB0905121MZF Datasheet HTML 2Page - Superworld Electronics SDB0905121MZF Datasheet HTML 3Page - Superworld Electronics SDB0905121MZF Datasheet HTML 4Page - Superworld Electronics SDB0905121MZF Datasheet HTML 5Page - Superworld Electronics SDB0905121MZF Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
SMD POWER INDUCTORS
SDB0905 SERIES
( 1 ) CONFIGURATION
7. PACKAGING INFORMATION :
STYLE
13-24
( 2 ) DIMENSIONS
( 3 ) Q'TY & G.W. PER PACKAGE
ØC
INNER : REEL
OUTER : CARTON
330
A
13
21±0.8
BC
24
D
50
GN
-0
* CARRIER TAPE WIDTH : D
G
EMBOSSED CARRIER
30.4
T
Unit:m/m
D
T
2.0±0.5
90 to 120s
Pre-heating
REFLOW SOLDERINGS
RECOMMENDED SOLDERING CONDITIONS
180°C
150°C
255°C
230°C
40s max.
cooling
Natural
COVER TAPE
SDB0905
SERIES
500
Q'TY (PCS)
1200
13-24
G.W. (gw)
STYLE
G.W. (Kg)
2000
8.3
Q'TY (PCS)
40 x 40 x 24
SIZE (cm)
10s max.
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 4
05.05.2008
26
+0
4 m/m
P:16 m/m


Similar Part No. - SDB0905121MZF

ManufacturerPart #DatasheetDescription
logo
Suntac Electronic Corp.
SDB0900E70 SUNTAC-SDB0900E70 Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
SDB0900G SUNTAC-SDB0900G Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
SDB0900S SUNTAC-SDB0900S Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
More results

Similar Description - SDB0905121MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com