Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-9412S-F20FDG Datasheet(PDF) 9 Page - Source Photonics, Inc.

Part # FTM-9412S-F20FDG
Description  2x5 SFF GEPON ONU Diplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9412S-F20FDG Datasheet(HTML) 9 Page - Source Photonics, Inc.

Back Button FTM-9412S-F20FDG Datasheet HTML 3Page - Source Photonics, Inc. FTM-9412S-F20FDG Datasheet HTML 4Page - Source Photonics, Inc. FTM-9412S-F20FDG Datasheet HTML 5Page - Source Photonics, Inc. FTM-9412S-F20FDG Datasheet HTML 6Page - Source Photonics, Inc. FTM-9412S-F20FDG Datasheet HTML 7Page - Source Photonics, Inc. FTM-9412S-F20FDG Datasheet HTML 8Page - Source Photonics, Inc. FTM-9412S-F20FDG Datasheet HTML 9Page - Source Photonics, Inc. FTM-9412S-F20FDG Datasheet HTML 10Page - Source Photonics, Inc. FTM-9412S-F20FDG Datasheet HTML 11Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2×5 SFF GEPON ONU Diplexer
FTM-9412S-F20F(G)/ FTM-9412S-F20FD(G)
IEEE 802.3ah
TM 1000BASE-PX20U
Preliminary Data Sheet
Mar. 16, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Doc No: DS3493013-1f
Page 9 of 11
Ordering Information
Part No.
Product Description
FTM-9412S-F20F
1310nm(TX)/1490nm(RX), SC/UPC receptacle 2×5 SFF for GEPON ONU 20km (PX20)
application, 0°C ~ 70°C(case temperature), Tx AC Coupling, Rx AC Coupling
FTM-9412S-F20FD
1310nm(TX)/1490nm(RX), SC/UPC receptacle 2×5 SFF for GEPON ONU 20km (PX20)
application, 0°C ~ 70°C(case temperature), Tx DC Coupling, Rx AC Coupling
FTM-9412S-F20FG
1310nm(TX)/1490nm(RX), SC/UPC receptacle 2×5 SFF for GEPON ONU 20km (PX20)
application, 0°C~70°C(case temperature), Tx AC Coupling, Rx AC Coupling, RoHS compliance
FTM-9412S-F20FDG
1310nm(TX)/1490nm(RX), SC/UPC receptacle 2×5 SFF for GEPON ONU 20km (PX20)
application, 0°C~70°C(case temperature), Tx DC Coupling, Rx AC Coupling, RoHS compliance
Related Documents
For further information, please refer to the following documents:
IEEE Std 802.3ah
TM-2004
Obtaining Document
You can visit our website:
http://www.fiberxon.com/
Or contact with Fiberxon, Inc. America Sales Office listed at the end of documentation to get the latest documents.


Similar Part No. - FTM-9412S-F20FDG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9412S-F20DCG SOURCE-FTM-9412S-F20DCG Datasheet
847Kb / 11P
   2x5 SFF GEPON ONU Transceiver FTM-9412S-F20(i)(DC)G
FTM-9412S-F20G SOURCE-FTM-9412S-F20G Datasheet
847Kb / 11P
   2x5 SFF GEPON ONU Transceiver FTM-9412S-F20(i)(DC)G
FTM-9412S-F20IDCG SOURCE-FTM-9412S-F20IDCG Datasheet
847Kb / 11P
   2x5 SFF GEPON ONU Transceiver FTM-9412S-F20(i)(DC)G
FTM-9412S-F20IG SOURCE-FTM-9412S-F20IG Datasheet
847Kb / 11P
   2x5 SFF GEPON ONU Transceiver FTM-9412S-F20(i)(DC)G
More results

Similar Description - FTM-9412S-F20FDG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9412P-F10 SOURCE-FTM-9412P-F10 Datasheet
300Kb / 11P
   2x5 SFF GEPON ONU Transceiver
FTM-9412S-F10 SOURCE-FTM-9412S-F10 Datasheet
810Kb / 11P
   2x5 SFF GE-PON ONU Diplexer
FTM-9412P-F20FG SOURCE-FTM-9412P-F20FG Datasheet
316Kb / 12P
   SFF GEPON PX20 ONU Transceiver
FTM-9412S-F20G SOURCE-FTM-9412S-F20G Datasheet
847Kb / 11P
   2x5 SFF GEPON ONU Transceiver FTM-9412S-F20(i)(DC)G
FTM-9812T-C10 SOURCE-FTM-9812T-C10 Datasheet
301Kb / 12P
   GEPON ONU Triplexer
FTM-9712P-F20 SOURCE-FTM-9712P-F20 Datasheet
354Kb / 13P
   2횞5/2횞10 SFF GEPON OLT Transceiver
FTM-9423P-F10DC SOURCE-FTM-9423P-F10DC Datasheet
250Kb / 10P
   SFF 1.25G/2.5G EPON ONU Transceiver
FTM-9412P-F20 SOURCE-FTM-9412P-F20 Datasheet
290Kb / 11P
   SFF GE-PON PX20 ONU Transceiver
FTM-9423P-FGHG SOURCE-FTM-9423P-FGHG Datasheet
350Kb / 17P
   SFF GPON ONT Diplexer
logo
Finisar Corporation.
FTRJ1319F1GTL FINISAR-FTRJ1319F1GTL Datasheet
238Kb / 9P
   2 Gigabit Long-Wavelength 2x5 Pin SFF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com