Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDC0602-680MF Datasheet(PDF) 4 Page - Superworld Electronics

Part # SDC0602-680MF
Description  SMD POWER INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDC0602-680MF Datasheet(HTML) 4 Page - Superworld Electronics

  SDC0602-680MF Datasheet HTML 1Page - Superworld Electronics SDC0602-680MF Datasheet HTML 2Page - Superworld Electronics SDC0602-680MF Datasheet HTML 3Page - Superworld Electronics SDC0602-680MF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 4
05.05.2008
SMD POWER INDUCTORS
SDC0602 SERIES
7-3. Tearing Off Force
in the arrow direction.
The force for tearing off cover tape is 10 to 60 grams
Top cover tape
Base tape
165° to 180°
F


Similar Part No. - SDC0602-680MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDC0603 SUPERWORLD-SDC0603 Datasheet
402Kb / 5P
   SMD POWER INDUCTORS
SDC0603100MZF SUPERWORLD-SDC0603100MZF Datasheet
402Kb / 5P
   SMD POWER INDUCTORS
SDC0603101MZF SUPERWORLD-SDC0603101MZF Datasheet
402Kb / 5P
   SMD POWER INDUCTORS
SDC0603120MZF SUPERWORLD-SDC0603120MZF Datasheet
402Kb / 5P
   SMD POWER INDUCTORS
SDC0603150MZF SUPERWORLD-SDC0603150MZF Datasheet
402Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - SDC0602-680MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com