Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-9812T-C10G Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # FTM-9812T-C10G
Description  GEPON ONU Triplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9812T-C10G Datasheet(HTML) 4 Page - Source Photonics, Inc.

  FTM-9812T-C10G Datasheet HTML 1Page - Source Photonics, Inc. FTM-9812T-C10G Datasheet HTML 2Page - Source Photonics, Inc. FTM-9812T-C10G Datasheet HTML 3Page - Source Photonics, Inc. FTM-9812T-C10G Datasheet HTML 4Page - Source Photonics, Inc. FTM-9812T-C10G Datasheet HTML 5Page - Source Photonics, Inc. FTM-9812T-C10G Datasheet HTML 6Page - Source Photonics, Inc. FTM-9812T-C10G Datasheet HTML 7Page - Source Photonics, Inc. FTM-9812T-C10G Datasheet HTML 8Page - Source Photonics, Inc. FTM-9812T-C10G Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
GEPON ONU Triplexer
IEEE 802.3ah
TM 1000BASE-PX10U
FTM-9812T-C10(G)
Aug. 10, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 4 of 12
Note 7: TX_DIS (See Pin Function Definitions).
Table 5 - Digital Receiver Optical and Electrical Characteristics (0°C <TOPR<70°C and 3.13V<VCC<3.47V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Operating Wavelength
1480
1490
1500
nm
Sensitivity
PSEN
-25
Overload
POV
-3
dBm
1
Signal-Detected Assert Level
PSDA
-25.5
dBm
2
Signal-Detected Deassert Level
PSDD
-39
dBm
3
Signal-Detected Hysteresis
PSDA- PSDD
0.5
6
dBm
Power Supply Current
ICC_RX
120
mA
Data Output Differential Swing
VOUT
200
1600
mV
4
Signal-Detected Voltage - Low
VSD, L
0
0.8
V
Signal-Detected Voltage - High
VSD, H
2.0
VCC
V
5
Signal-Detected Assert Time
TASS
100
µs
Signal-Detected Deassert Time
TDAS
100
µs
Note 1: Measured with PRBS 2
7-1 test pattern @1250Mbit/s, 1310nm, ER=10dB, BER =10-12.
Note 2: An increase in optical power above the specified level will cause the Signal Detect output to switch from a low
state to a high state.
Note 3: A decrease in optical power below the specified level will cause the Signal Detect output to switch from a high
state to a low state.
Note 4: LVPECL output, AC coupled internally, guaranteed in the full range of input optical power.
(See Recommended Interface Circuit).
Note 5: SD (See Pin Function Definitions).
Table 6 - CATV Receiver Optical and Electrical Characteristics
(0°C <TOPR<70°C and 4.75V<VDD_5V<5.25V, 11.4V<VDD_12V<12.6V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Operating Wavelength
1540
1560
nm
Receiving Average Optical Power
-6
+2
dBm
RF Output Level
14
17
dBmV/ch
1
RF Output Impedance
75
2
CNR
CNR
46
dB
3
C/CSO
C/CSO
55
dB
C/CTB
C/CTB
55
dB
4
16
dB
5
RF Return Loss
14
dB
6
IDD_5V
500
mA
Power Supply Current
IDD-12V
4
mA
Note 1: Tested at 552MHz, OMI=3.5% per channel, 4dB tilt
Note 2: SMB Jack RF Connector
Note 3: Note 3: Test at –6dBm, 82 PAL_D channels, OMI=3.5% per channel


Similar Part No. - FTM-9812T-C10G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9823T-CGH SOURCE-FTM-9823T-CGH Datasheet
329Kb / 18P
   GPON ONT Triplexer
FTM-9823T-CGHG SOURCE-FTM-9823T-CGHG Datasheet
329Kb / 18P
   GPON ONT Triplexer
FTM-9823T-CGHi SOURCE-FTM-9823T-CGHi Datasheet
329Kb / 18P
   GPON ONT Triplexer
FTM-9823T-CGHiG SOURCE-FTM-9823T-CGHiG Datasheet
329Kb / 18P
   GPON ONT Triplexer
More results

Similar Description - FTM-9812T-C10G

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9412P-F10 SOURCE-FTM-9412P-F10 Datasheet
300Kb / 11P
   2x5 SFF GEPON ONU Transceiver
FTM-9412P-F20FG SOURCE-FTM-9412P-F20FG Datasheet
316Kb / 12P
   SFF GEPON PX20 ONU Transceiver
FTM-9412S-F20F SOURCE-FTM-9412S-F20F Datasheet
751Kb / 11P
   2x5 SFF GEPON ONU Diplexer
FTM-9412S-F20G SOURCE-FTM-9412S-F20G Datasheet
847Kb / 11P
   2x5 SFF GEPON ONU Transceiver FTM-9412S-F20(i)(DC)G
logo
Mini-Circuits
TPLX-F2700 MINI-TPLX-F2700 Datasheet
593Kb / 4P
   Triplexer
TPLX-E2485 MINI-TPLX-E2485 Datasheet
612Kb / 4P
   Triplexer
ZTPL-4620 MINI-ZTPL-4620 Datasheet
487Kb / 4P
   Triplexer
logo
Pulse A Technitrol Comp...
C6224NL PULSE-C6224NL Datasheet
136Kb / 2P
   TRIPLEXER FILTER MODULE
logo
TDK Electronics
TPX205950MT-7004A1 TDK-TPX205950MT-7004A1 Datasheet
95Kb / 8P
   Multilayer Triplexer
logo
Finisar Corporation.
FTGN2117P2CUN FINISAR-FTGN2117P2CUN Datasheet
438Kb / 1P
   Pluggable SFP ONU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com