Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSM08R-050 Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSM08R-050
Description  8W Interchangeable Plug Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSM08R-050 Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSM08R-050 Datasheet HTML 1Page - Phihong USA Inc. PSM08R-050 Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSM08R Characteristics
WWW.PHIHONG.COM
INPUT:
ENVIRONMENTAL:
AC Input Voltage Rating
Temperature
100 to 240VAC
Operation
0 to +50°C
Non-operation
-20 to +75°C
AC Input Voltage Range
Humidity
90 to 264VAC
Operation
0 to 90%
AC Input Frequency
Emissions
47 to 63 Hz
FCC Class B
EN55022 Class B
AC Input Current
0.3A(RMS) max. @ 120VAC
Dielectric Withstand (Hi-pot) Test
0.15A(RMS) max. @ 240VAC
Primary to Secondary: 3000VAC
Leakage Current
DC Output Connector
250uA max. @ 264VAC
Micro-USB
Inrush Current (cold)
AC Input Clips (sold separately)
40-60A for 120VAC at max. load (varies in voltage)
(Cold start @ ambient 25°C)
US: RPA
Europe: RPE
Input Power Saving
UK: RPK
Australia: RPS
0.3W max. @ 240VAC
China:RPC
Argentina:RPN
OUTPUT:
Efficiency
69% min. using Energystar method
Hold-up Time
10mS min. @ 120VAC and max. load
Short Circuit Protection
>120%, auto restart
Over Voltage Protection
>120%, Zener Clamp
Dimension Diagram Unit: mm (inch)


Similar Part No. - PSM08R-050

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PSM01-081A-102B2 BOURNS-PSM01-081A-102B2 Datasheet
368Kb / 3P
   PSM Series Motorized Slide Potentiometer
PSM01-081A-103B2 BOURNS-PSM01-081A-103B2 Datasheet
368Kb / 3P
   PSM Series Motorized Slide Potentiometer
PSM01-081A-104B2 BOURNS-PSM01-081A-104B2 Datasheet
368Kb / 3P
   PSM Series Motorized Slide Potentiometer
PSM01-081A-105B2 BOURNS-PSM01-081A-105B2 Datasheet
368Kb / 3P
   PSM Series Motorized Slide Potentiometer
PSM01-081A-202B2 BOURNS-PSM01-081A-202B2 Datasheet
368Kb / 3P
   PSM Series Motorized Slide Potentiometer
More results

Similar Description - PSM08R-050

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSM11R-050 PHIHONG-PSM11R-050 Datasheet
106Kb / 2P
   10W Interchangeable Plug Series
PSAA30R-120 PHIHONG-PSAA30R-120_18 Datasheet
286Kb / 3P
   30W Interchangeable Plug Series
PSA05R PHIHONG-PSA05R Datasheet
159Kb / 2P
   5W Interchangeable Plug Series
PSA05R-033 PHIHONG-PSA05R-033 Datasheet
160Kb / 2P
   5W Interchangeable Plug Series
PSA11R-033 PHIHONG-PSA11R-033 Datasheet
89Kb / 2P
   10W Interchangeable Plug Series
PSAC05R-050 PHIHONG-PSAC05R-050 Datasheet
138Kb / 3P
   5W Interchangeable Plug Series
PSAC12R-050 PHIHONG-PSAC12R-050 Datasheet
141Kb / 3P
   12 Watt Interchangeable Plug Series
PSC20R-120 PHIHONG-PSC20R-120 Datasheet
143Kb / 2P
   20-WATT INTERCHANGEABLE PLUG SERIES
PSA-30R-033 PHIHONG-PSA-30R-033 Datasheet
126Kb / 3P
   30 Watt Interchangeable Plug Series
PSAA20R-050L6 PHIHONG-PSAA20R-050L6 Datasheet
129Kb / 3P
   20 Watt Interchangeable Plug Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com