Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ988-1AT-12DSEC1R Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ988-1AT-12DSEC1R
Description  30 AMP MICRO-ISO AUTOMOTIVE RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ988-1AT-12DSEC1R Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ988-1AT-12DSEC1R Datasheet HTML 1Page - American Zettler, Inc. AZ988-1AT-12DSEC1R Datasheet HTML 2Page - American Zettler, Inc. AZ988-1AT-12DSEC1R Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AZ988-1CT-12DSEC1RQ
AZ988
6/27/06W
RELAY ORDERING DATA
RELAY ORDERING DATA
COIL SPECIFICATIONS - STANDARD
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
VDC
VDC
VDC
± 10%
12
7.2
18
90
24
14.4
36
360
COIL SPECIFICATIONS - SENSITIVE
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
VDC
VDC
VDC
± 10%
12
7.2
21
124
24
14.4
40
441
Blank - Standard contact gap (=>0.5 mm)
Q
- Wide contact gap (=>0.6 mm)
R
- 680 Ohm parallel with 12 V standard coil
2700 Ohm parallel with 24 V standard coil
680 Ohm parallel with 12 V sensitive coil
1800 Ohm parallel with 24 V sensitive coil
C1
- QC terminals, no top grip on cover
C2
- QC terminals, with top grip on cover
C3
- PC terminals, no top grip on cover
Blank - Unsealed
E
- Sealed
Blank - Standard coil
S
- Sensitive coil
12D - 12 VDC coil
24D - 24 VDC coil
T
- AgSn02 contact material
-1A
-Single pole normally open
-1C
-Single pole double throw
Basic Series Designation - AZ988


Similar Part No. - AZ988-1AT-12DSEC1R

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ980 ZETTLER-AZ980 Datasheet
61Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
American Zettler, Inc.
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
logo
ZETTLER Electronics
AZ980 ZETTLER-AZ980 Datasheet
56Kb / 2P
   80 AMP AUTOMOTIVE RELAY
AZ980-1A-12D ZETTLER-AZ980-1A-12D Datasheet
61Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
American Zettler, Inc.
AZ980-1A-12D AZETTLER-AZ980-1A-12D Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
More results

Similar Description - AZ988-1AT-12DSEC1R

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ977 AZETTLER-AZ977 Datasheet
82Kb / 2P
   20 AMP MICRO-ISO AUTOMOTIVE RELAY
AZ987 AZETTLER-AZ987 Datasheet
105Kb / 3P
   30 AMP MICRO AUTOMOTIVE RELAY
AZ9871 AZETTLER-AZ9871 Datasheet
130Kb / 2P
   30 AMP MICRO AUTOMOTIVE RELAY
logo
ZETTLER Electronics
AZ987 ZETTLER-AZ987 Datasheet
51Kb / 2P
   30 AMP MICRO AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8HN OMRON-G8HN_1 Datasheet
252Kb / 8P
   Micro ISO Automotive Relay
G8HN OMRON-G8HN Datasheet
156Kb / 5P
   Micro ISO Automotive Relay
G8H OMRON-G8H Datasheet
247Kb / 8P
   Micro ISO Automotive Relay
logo
Picker Components
PC780 PICKER-PC780 Datasheet
541Kb / 2P
   25/20 Amp Automotive Plug-In Micro ISO Relay
PC781 PICKER-PC781 Datasheet
444Kb / 2P
   15 Amp Micro ISO 280 Automotive Plug-In Relay
PC783 PICKER-PC783 Datasheet
711Kb / 2P
   35 Amp Micro ISO Automotive Plug In / PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com