Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-53X0C-X40EG Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # FTM-53X0C-X40EG
Description  10G 1550nm XFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-53X0C-X40EG Datasheet(HTML) 1 Page - Source Photonics, Inc.

  FTM-53X0C-X40EG Datasheet HTML 1Page - Source Photonics, Inc. FTM-53X0C-X40EG Datasheet HTML 2Page - Source Photonics, Inc. FTM-53X0C-X40EG Datasheet HTML 3Page - Source Photonics, Inc. FTM-53X0C-X40EG Datasheet HTML 4Page - Source Photonics, Inc. FTM-53X0C-X40EG Datasheet HTML 5Page - Source Photonics, Inc. FTM-53X0C-X40EG Datasheet HTML 6Page - Source Photonics, Inc. FTM-53X0C-X40EG Datasheet HTML 7Page - Source Photonics, Inc. FTM-53X0C-X40EG Datasheet HTML 8Page - Source Photonics, Inc. FTM-53X0C-X40EG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 1 of 1
Controlled Electronic Version. 24hrs Obsolete when printed out without authorization. Last printed 2006-07-13 13:45
Features
Support 10GE application at the data-rate of
10.3125Gbps and 9.953Gbps
Up to 40km transmission
1550nm cooled EML and PIN receiver
XFI electrical interface
2-wire interface for integrated Digital Diagnostic
monitoring
XFP MSA package with duplex LC connector
Hot pluggable
Very low EMI and excellent ESD protection
+5V, +3.3V power supply
Power consumption less than 3.5 W
Applications
10GBASE-ER at 10.3125Gbps
10GBASE-EW at 9.953Gbps
Other optical links
Standard
Compliant with XFP MSA
Compliant with IEEE 802.3ae-2002
Compliant with FCC 47 CFR Part 15, Class B
Compliant with FDA 21 CFR 1040.10 and
1040.11, Class I
RoHS compliance
Description
FTM-53X0C-X40G is a high performance, cost
effective modules, which is optimized for 10G
Ethernet, supporting data-rate of 10.3125Gbps
(10GBASE-ER) or 9.953Gbps (10GBASE-EW), and
transmission distance up to 40km.
The transceiver consists of two sections: The
transmitter section incorporates a 1550nm cooled
EML, driver and re-timer. The receiver section
consists of a PIN photodiode integrated with a
transimpedance preamplifier (TIA) and CDR.
The module is hot pluggable into the 30-pin
connector. The high-speed electrical interface is
base on low voltage logic, with nominal 100 Ohms
differential impedance and AC coupled in the
module. The optical output can be disabled by
LVTTL logic high-level input of TX_DIS. Loss of
signal (RX_LOS) output is provided to indicate the
loss of an input optical signal of receiver.
A serial EEPROM in the transceiver allows the user
to access transceiver monitoring and configuration
data via the 2-wire XFP Management Interface. This
interface uses a single address, A0h, with a memory
map divided into a lower and upper area. Basic
digital diagnostic (DD) data is held in the lower area
while specific data is held in a series of tables in the
high memory area.
Jun. 16, 2006
Members of Flexon
TM Family
(Up to 40km transmission)
10G 1550nm XFP Transceiver


Similar Part No. - FTM-53X0C-X40EG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-5001C-SL80G SOURCE-FTM-5001C-SL80G Datasheet
251Kb / 11P
   155Mbps SFP Transceiver with Spring Latch
FTM-5012C-SL80G SOURCE-FTM-5012C-SL80G Datasheet
256Kb / 9P
   1.25G Spring-Latch SFP Transceiver
FTM-5012S-G50G SOURCE-FTM-5012S-G50G Datasheet
232Kb / 9P
   1.0625節?.25Gbps GBIC Transceiver
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
FTM-5106C-SL80G SOURCE-FTM-5106C-SL80G Datasheet
435Kb / 13P
   622Mbps SFP Transceiver with Spring Latch
More results

Similar Description - FTM-53X0C-X40EG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-10KSXA-008ZA MITSUBISHI-MF-10KSXA-008ZA Datasheet
321Kb / 16P
   10Gbps 1550nm XFP Optical Transceiver
logo
Source Photonics, Inc.
FTM-83X0C-X03G SOURCE-FTM-83X0C-X03G Datasheet
300Kb / 11P
   10G 850nm XFP Transceiver
FTM-33X1C-X10G SOURCE-FTM-33X1C-X10G Datasheet
283Kb / 11P
   10G 1310nm XFP Transceiver
logo
Level One
XFP-5901 LVL1-XFP-5901 Datasheet
269Kb / 4P
   10G MMF XFP Transceiver 300m 850nm
XFP-5211 LVL1-XFP-5211 Datasheet
268Kb / 4P
   10G SMF XFP Transceiver 10km 1310nm
logo
Optoway Technology Inc
XPS-2380MWG OPTOWAY-XPS-2380MWG_09 Datasheet
242Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2340MWG OPTOWAY-XPS-2340MWG Datasheet
237Kb / 9P
   40km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2380MWG OPTOWAY-XPS-2380MWG Datasheet
234Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2340MWG OPTOWAY-XPS-2340MWG_09 Datasheet
245Kb / 9P
   40km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
logo
OPLINK Communications I...
TPP1XGKZRXG-S0226 OPLINK-TPP1XGKZRXG-S0226 Datasheet
344Kb / 6P
   1550nm 80km SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com