Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTM-9912C-SL10iG Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # FTM-9912C-SL10iG
Description  1.25Gbps Single Fiber Bi-directional SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FTM-9912C-SL10iG Datasheet(HTML) 2 Page - Source Photonics, Inc.

  FTM-9912C-SL10iG Datasheet HTML 1Page - Source Photonics, Inc. FTM-9912C-SL10iG Datasheet HTML 2Page - Source Photonics, Inc. FTM-9912C-SL10iG Datasheet HTML 3Page - Source Photonics, Inc. FTM-9912C-SL10iG Datasheet HTML 4Page - Source Photonics, Inc. FTM-9912C-SL10iG Datasheet HTML 5Page - Source Photonics, Inc. FTM-9912C-SL10iG Datasheet HTML 6Page - Source Photonics, Inc. FTM-9912C-SL10iG Datasheet HTML 7Page - Source Photonics, Inc. FTM-9912C-SL10iG Datasheet HTML 8Page - Source Photonics, Inc. FTM-9912C-SL10iG Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1.25Gbps Single Fiber Bi-directional SFP Transceiver
10km point-to-point transmission
`
Jun.12, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 2 of 11
Regulatory Compliance
The transceivers have been tested according to American and European product safety and electromagnetic
compatibility regulations (See Table 1). For further information regarding regulatory certification, please refer
to FlexonTM regulatory specification and safety guidelines, or contact with Fiberxon, Inc. America sales office
listed at the end of the documentation.
Table 1 - Regulatory Compliance
Feature
Standard
Performance
Electrostatic Discharge
(ESD) to the Electrical Pins
MIL-STD-883E
Method 3015.7
Class 2(>2000 V)
Electrostatic Discharge (ESD)
to LC Receptacle
IEC 61000-4-2
GR-1089-CORE
Compatible with standards
Electromagnetic
Interference (EMI)
FCC Part 15 Class B
EN55022 Class B (CISPR 22B)
VCCI Class B
Compatible with standards
Immunity
IEC 61000-4-3
Compatible with standards
Laser Eye Safety
FDA 21CFR 1040.10 and 1040.11
EN60950, EN (IEC) 60825-1,2
Compatible with Class 1 laser
product.
Component Recognition
UL and CSA
Compatible with standards
RoHS
2002/95/EC 4.1&4.2
2005/747/EC
Compliant with standards note
Note:
In light of item 5 in Annex of 2002/95/EC, “Pb in the glass of cathode ray tubes, electronic components and
fluorescent tubes.” and item 13 in Annex of 2005/747/EC, “Lead and cadmium in optical and filter glass.”, the
two exemptions are being concerned for Fiberxon’s transceivers, because Fiberxon’s transceivers use glass,
which may contain Pb, for components such as lenses, windows, isolators, and other electronic components.
Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the devices may occur.
Table 2 – Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Note
Storage Temperature
TS
-40
+85
°C
-40
+85
°C
1
Operating Case Temperature
TC
0
+70
°C
2
Supply Voltage
VCC
0
+4
V
Input Voltage
Vin
0
VCC
V
1. FTM-9612C-SL10iG / FTM-9912C-SL10iG
2. FTM-9612C-SL10G / FTM-9912C-SL10G
Recommended Operating Conditions
Table 3 - Recommended Operating Conditions


Similar Part No. - FTM-9912C-SL10iG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9912C-SL20G SOURCE-FTM-9912C-SL20G Datasheet
307Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9912C-SL20iG SOURCE-FTM-9912C-SL20iG Datasheet
307Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
More results

Similar Description - FTM-9912C-SL10iG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FTM-9612S-SL15G SOURCE-FTM-9612S-SL15G Datasheet
291Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612S-SL10G SOURCE-FTM-9612S-SL10G Datasheet
331Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
FTM-9612C-SL20G SOURCE-FTM-9612C-SL20G Datasheet
307Kb / 11P
   1.25Gbps Single Fiber Bi-directional SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPT-BD53-01 PULSE-SFPT-BD53-01 Datasheet
222Kb / 11P
   1.25Gbps SFP Bi-Directional Transceiver
logo
Source Photonics, Inc.
FTM-9312S-G10G SOURCE-FTM-9312S-G10G Datasheet
287Kb / 10P
   1.25Gbps Single Fiber Bi-directional GBIC Transceiver
FTM-9612S-K15EG SOURCE-FTM-9612S-K15EG Datasheet
348Kb / 9P
   1.25Gbps Single Fiber Bi-directional SFF 2*10 Transceiver
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com