Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-11-2315T-08 Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # T-11-2315T-08
Description  155Mbps PIN-TIA Receiver modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

T-11-2315T-08 Datasheet(HTML) 4 Page - Source Photonics, Inc.

  T-11-2315T-08 Datasheet HTML 1Page - Source Photonics, Inc. T-11-2315T-08 Datasheet HTML 2Page - Source Photonics, Inc. T-11-2315T-08 Datasheet HTML 3Page - Source Photonics, Inc. T-11-2315T-08 Datasheet HTML 4Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
P/N: T-11-2315T-08-XX
155Mbps PIN-TIA Receiver modules
DS-5244
Rev 0.0
2009-01-19
Warnings
Handling Precautions: This device is susceptible to damage as a result of electrostatic discharge (ESD). A static
free environment is highly recommended. Follow guidelines according to proper ESD procedures.
Laser Safety: Radiation emitted by laser devices can be dangerous to human eyes. Avoid eye exposure to direct or
indirect radiation.
Legal Notice
IMPORTANT NOTICE!
All information contained in this document is subject to change without notice, at Source Photonics’s sole and
absolute discretion. Source Photonics warrants performance of its products to current specifications only in
accordance with the company’s standard one-year warranty; however, specifications designated as “preliminary”
are given to describe components only, and Source Photonics expressly disclaims any and all warranties for said
products, including express, implied, and statutory warranties, warranties of merchantability, fi tness for a particular
purpose, and non-infringement of proprietary rights. Please refer to the company’s Terms and Conditions of Sale for
further warranty information.
Source Photonics assumes no liability for applications assistance, customer product design, software performance,
or infringement of patents, services, or intellectual property described herein. No license, either express or implied,
is granted under any patent right, copyright, or intellectual property right, and Source Photonics makes no
representations or warranties that the product(s) described herein are free from patent, copyright, or intellectual
property rights. Products described in this document are NOT intended for use in implantation or other life support
applications where malfunction may result in injury or death to persons. Source Photonics customers using or
selling products for use in such applications do so at their own risk and agree to fully defend and indemnify Source
Photonics for any damages resulting from such use or sale.
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN “AS IS” BASIS. Customer agrees
that Source Photonics is not liable for any actual, consequential, exemplary, or other damages arising directly or
indirectly from any use of the information contained in this document. Customer must contact Source Photonics to
obtain the latest version of this publication to verify, before placing any order, that the information contained herein is
current.
© Copyright Source Photonics, Inc. 2009
All rights reserved


Similar Part No. - T-11-2315T-08

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
T-11-2315T-04 SOURCE-T-11-2315T-04 Datasheet
502Kb / 3P
   155Mbps PIN-TIA Receiver Modules
T-11-2315T-04-G5 SOURCE-T-11-2315T-04-G5 Datasheet
502Kb / 3P
   155Mbps PIN-TIA Receiver Modules
T-11-2315T-04-GR SOURCE-T-11-2315T-04-GR Datasheet
502Kb / 3P
   155Mbps PIN-TIA Receiver Modules
More results

Similar Description - T-11-2315T-08

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
T-11-2315T-04 SOURCE-T-11-2315T-04 Datasheet
502Kb / 3P
   155Mbps PIN-TIA Receiver Modules
T-11-2315C-02 SOURCE-T-11-2315C-02 Datasheet
567Kb / 3P
   155Mbps PIN-TIA Receiver Modules
T-11-155-D-SSC SOURCE-T-11-155-D-SSC Datasheet
625Kb / 3P
   155Mbps PIN-TIA Receiver Modules-ROSA(5V)
T-11-155-R3-SFC-AGC SOURCE-T-11-155-R3-SFC-AGC Datasheet
335Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed
T-11-155-D3-SSC SOURCE-T-11-155-D3-SSC Datasheet
702Kb / 3P
   155Mbps PIN-TIA Receiver Modules-ROSA(3.3V)
logo
List of Unclassifed Man...
T-11-155-D ETC2-T-11-155-D Datasheet
610Kb / 3P
   155Mbps PIN-TIA Receiver Modules-ROSA(5V)
logo
Source Photonics, Inc.
T-11-155-P-MMU-K-GR SOURCE-T-11-155-P-MMU-K-GR Datasheet
396Kb / 4P
   155Mbps PIN-TIA Receiver Modules-Receptacle & Pigtailed 5V without AGC
T-11-1250-P-SFC SOURCE-T-11-1250-P-SFC Datasheet
613Kb / 4P
   PIN-TIA Receiver Modules (5V)
T-11-2500-P3-SSC-APC-01 SOURCE-T-11-2500-P3-SSC-APC-01 Datasheet
460Kb / 3P
   2.5Gbps PIN-TIA Receiver Modules (3.3V)
T-11-2500A-P3-SFC-APC SOURCE-T-11-2500A-P3-SFC-APC Datasheet
380Kb / 3P
   2.5Gbps PIN-TIA Receiver Modules (3.3V)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com