Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2100-1A-5D Datasheet(PDF) 3 Page - American Zettler, Inc.

Part # AZ2100-1A-5D
Description  40A MINIATURE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ2100-1A-5D Datasheet(HTML) 3 Page - American Zettler, Inc.

  AZ2100-1A-5D Datasheet HTML 1Page - American Zettler, Inc. AZ2100-1A-5D Datasheet HTML 2Page - American Zettler, Inc. AZ2100-1A-5D Datasheet HTML 3Page - American Zettler, Inc. AZ2100-1A-5D Datasheet HTML 4Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AZ2100
1/24/06W
RELAY ORDERING DATA: 1/16” Clearance, 1/8” Creepage
STANDARD RELAYS: 1 Form A (SPST N.O.)
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
Unsealed
Sealed
VDC
VDC
±10%
VDC
5
7.3
27
3.75
AZ2101–1A–5D
AZ2101–1A–5DE
6
8.9
40
4.5
AZ2101–1A–6D
AZ2101–1A–6DE
9
13.9
97
6.75
AZ2101–1A–9D
AZ2101–1A–9DE
12
17.5
155
9.0
AZ2101–1A–12D
AZ2101–1A–12DE
15
22.5
256
11.25
AZ2101–1A–15D
AZ2101–1A–15DE
18
27.4
380
13.5
AZ2101–1A–18D
AZ2101–1A–18DE
24
36.1
660
18.0
AZ2101–1A–24D
AZ2101–1A–24DE
48
68.4
2,560
36.0
AZ2101–1A–48D
AZ2101–1A–48DE
70
104.4
5,500
52.5
AZ2101–1A–70D
AZ2101–1A–70DE
110
163.2
13,450
82.5
AZ2101–1A–110D AZ2101–1A–110DE
STANDARD RELAYS: 1 Form C (SPDT)
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Max. Continuous
Coil Resistance
Must Operate
Unsealed
Sealed
VDC
VDC
±10%
VDC
5
7.3
27
3.75
AZ2101–1C–5D
AZ2101–1C–5DE
6
8.9
40
4.5
AZ2101–1C–6D
AZ2101–1C–6DE
9
13.9
97
6.75
AZ2101–1C–9D
AZ2101–1C–9DE
12
17.5
155
9.0
AZ2101–1C–12D
AZ2101–1C–12DE
15
22.5
256
11.25
AZ2101–1C–15D
AZ2101–1C–15DE
18
27.4
380
13.5
AZ2101–1C–18D
AZ2101–1C–18DE
24
36.1
660
18.0
AZ2101–1C–24D
AZ2101–1C–24DE
48
68.4
2,560
36.0
AZ2101–1C–48D
AZ2101–1C–48DE
70
104.4
5,500
52.5
AZ2101–1C–70D
AZ2101–1C–70DE
110
163.2
13,450
82.5
AZ2101–1C–110D AZ2101–1C–110DE
*Substitute “1B” in place of “1A” or “1C” to indicate 1 Form B. To indicate Class F version, add suffix “F”.
Other coil resistances and sensitivities available upon request. Please contact the factory.
MECHANICAL DATA
WIRING DIAGRAM
PC BOARD LAYOUT
I FORM A
(SPST - NO)
I FORM B
(SPST - NC)
I FORM C
(SPDT)
Viewed toward terminals
Viewed toward terminals
.081 x .003
(2.06 x .076)
.900
(22.84)
1.000
(25.38)
.300
(7.6)
.400
(10.2)
.150
(3.81)
.550
(13.97)
.700
(17.78)
3
26
1
5
4
26
1
53
4
26
1
5
.043 x .003
(1.09 x .076)
DIA (4 PLACES)
DIA
.350
(8.89)
.032
(0.81)
.250
(6.35)
1.27
(32.23)
1.08
(27.4)
.240
(6.1)
1.10
(27.92)
.130
(3.3)
.032 x .062
(0.81 x 1.57)
.025 x .025
(0.63 x 0.63)
.045 x .045
(1.14 x 1.14)
.140 + .01, –.020
(3.6 + .25, –.51)
(3 PLACES)
(3 PLACES)
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"


Similar Part No. - AZ2100-1A-5D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ2100-1A-5D ETC-AZ2100-1A-5D Datasheet
133Kb / 4P
   MINIATURE POWER RELAY
AZ2100-1A-5DE ETC-AZ2100-1A-5DE Datasheet
133Kb / 4P
   MINIATURE POWER RELAY
More results

Similar Description - AZ2100-1A-5D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2150 AZETTLER-AZ2150 Datasheet
94Kb / 2P
   40A MINIATURE POWER RELAY
AZ2110 AZETTLER-AZ2110 Datasheet
127Kb / 3P
   40A MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
   MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
   MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
   MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com