Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAM-70X1S-T40B Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # FAM-70X1S-T40B
Description  OC-192/STM-64 SFF Transponder
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

FAM-70X1S-T40B Datasheet(HTML) 2 Page - Source Photonics, Inc.

  FAM-70X1S-T40B Datasheet HTML 1Page - Source Photonics, Inc. FAM-70X1S-T40B Datasheet HTML 2Page - Source Photonics, Inc. FAM-70X1S-T40B Datasheet HTML 3Page - Source Photonics, Inc. FAM-70X1S-T40B Datasheet HTML 4Page - Source Photonics, Inc. FAM-70X1S-T40B Datasheet HTML 5Page - Source Photonics, Inc. FAM-70X1S-T40B Datasheet HTML 6Page - Source Photonics, Inc. FAM-70X1S-T40B Datasheet HTML 7Page - Source Photonics, Inc. FAM-70X1S-T40B Datasheet HTML 8Page - Source Photonics, Inc. FAM-70X1S-T40B Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
OC-192/STM-64 Transponder
40/80km transmission
July 10, 2005
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 2 of 14
Block Diagram
APC
TX E-O
ATC
OC-192
Optical Output
Serial
Monitor
RX O-E
OC-192
Optical Iutput
Optical
Monitor
Driver
MUX
with CMU
DEMUX
with CDR
LsPOWMON
LsBIASMON
LsPOWALM
LsBIASALM
LsTEMPMON
LsTEMPALM
I2CDATA
I2CCLOCK
RxPOWMON
RxPOWALM
+3.3V +1.8V
-5.2V
GND
RxLOCKERR
RxRATESEL0/1
RxLCKREF
RxREFSEL
RxREFCLKP/N
RxMCLKP/N
RxPOCLKP/N
RxDOUT[0:15]P/N
TxFIFOERR
TxLOCKERR
TxMCLKP/N
TxPCLKP/N
TxRATESEL0/1
TxFIFORES
TxRESET
TxREFSEL
TxREFCLKP/N
TxPICLKP/N
TxDIN[0:15]P/N
LsENABLE
16
16
RxALIMINT
TxALIMINT
ALMINT
+5.0V
Figure 1, Block Diagram of Transponder


Similar Part No. - FAM-70X1S-T40B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FAM-15ASR ETC-FAM-15ASR Datasheet
390Kb / 4P
   Sensing element / Absolute
logo
Fujikura Ltd.
FAM-15PASR FUJIKURA-FAM-15PASR Datasheet
392Kb / 4P
   Sensing element/Absolute
FAM-15PASR FUJIKURA-FAM-15PASR Datasheet
209Kb / 5P
   Barometric pressure measurable Surface mount package
FAM-15PASR FUJIKURA-FAM-15PASR_11 Datasheet
209Kb / 5P
   Barometric pressure measurable Surface mount package
logo
Source Photonics, Inc.
FAM-30X1S-T20 SOURCE-FAM-30X1S-T20 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
More results

Similar Description - FAM-70X1S-T40B

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
logo
Silicon Laboratories
SI5540 SILABS-SI5540 Datasheet
308Kb / 20P
   SiPHY OC-192/STM-64 TRANSMITTER
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
   1319T OC-192/STM-64 Lighwave Receiver
logo
Agere Systems
R2860E AGERE-R2860E Datasheet
84Kb / 6P
   R2860E Digital Receiver OC-192/STM-64
R2860G AGERE-R2860G Datasheet
129Kb / 6P
   R2860G Digital Receiver OC-192/STM-64
R2860D AGERE-R2860D Datasheet
107Kb / 6P
   R2860D Digital Receiver OC-192/STM-64
R2860F AGERE-R2860F Datasheet
84Kb / 6P
   R2860F Digital Receiver OC-192/STM-64
R2862A AGERE-R2862A Datasheet
97Kb / 6P
   R2862A Digital 2R Receiver OC-192/STM-64
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com