Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM119N-R56MF Datasheet(PDF) 7 Page - Superworld Electronics

Part # SDM119N-R56MF
Description  MOLDING TYPE DIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDM119N-R56MF Datasheet(HTML) 7 Page - Superworld Electronics

  SDM119N-R56MF Datasheet HTML 1Page - Superworld Electronics SDM119N-R56MF Datasheet HTML 2Page - Superworld Electronics SDM119N-R56MF Datasheet HTML 3Page - Superworld Electronics SDM119N-R56MF Datasheet HTML 4Page - Superworld Electronics SDM119N-R56MF Datasheet HTML 5Page - Superworld Electronics SDM119N-R56MF Datasheet HTML 6Page - Superworld Electronics SDM119N-R56MF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 7
18.04.2008
SDM119N SERIES
11. PACKING AND QUANTITY :
Inner Box
Carton
1000
2000
Styrofoam
Size
100
SDM119N
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
Application Notice
2. Transportation :
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
b) The use of tweezers or vacuum pick up is strongly recommended for individual components.
c) The packaging material should be kept where no chlorine or sulfur exists in the air.
b) Recommended products should be used within 6 months from the time of delivery.
a) Temperature and humidity conditions : Less than 30°C and 70% RH.
To maintain the solderabililty of terminal electrodes :
1. Storage Conditions :
MOLDING TYPE DIP INDUCTORS


Similar Part No. - SDM119N-R56MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDM119HJA SUPERWORLD-SDM119HJA Datasheet
255Kb / 6P
   DIP POWER CHOKE COIL
SDM119HJA-1R2MF SUPERWORLD-SDM119HJA-1R2MF Datasheet
255Kb / 6P
   DIP POWER CHOKE COIL
SDM119HJA-R30MF SUPERWORLD-SDM119HJA-R30MF Datasheet
255Kb / 6P
   DIP POWER CHOKE COIL
SDM119HJA-R47MF SUPERWORLD-SDM119HJA-R47MF Datasheet
255Kb / 6P
   DIP POWER CHOKE COIL
SDM119HJA-R68MF SUPERWORLD-SDM119HJA-R68MF Datasheet
255Kb / 6P
   DIP POWER CHOKE COIL
More results

Similar Description - SDM119N-R56MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDM129N SUPERWORLD-SDM129N Datasheet
260Kb / 6P
   MOLDING TYPE DIP INDUCTORS
SDM109N SUPERWORLD-SDM109N Datasheet
260Kb / 6P
   MOLDING TYPE DIP INDUCTORS
logo
List of Unclassifed Man...
HEI ETC2-HEI Datasheet
371Kb / 9P
   Molding Power Inductors
logo
LinkCom Manufacturing C...
LML0420AA LINKCOM-LML0420AA Datasheet
111Kb / 5P
   Molding power Inductors
logo
Pulse A Technitrol Comp...
BDQQ PULSE-BDQQ Datasheet
536Kb / 3P
   Molding Power Inductors
logo
Fairchild Semiconductor
FMG1G50US60H FAIRCHILD-FMG1G50US60H Datasheet
627Kb / 9P
   Molding Type Module
FM2G200US60 FAIRCHILD-FM2G200US60 Datasheet
701Kb / 9P
   Molding Type Module
FMG2G300US60E FAIRCHILD-FMG2G300US60E Datasheet
721Kb / 7P
   Molding Type Module
FM2G75US60 FAIRCHILD-FM2G75US60 Datasheet
711Kb / 9P
   Molding Type Module
FM2G50US60 FAIRCHILD-FM2G50US60 Datasheet
703Kb / 9P
   Molding Type Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com