Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBTD1G125DBV Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74CBTD1G125DBV
Description  SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTD1G125DBV Datasheet(HTML) 2 Page - Texas Instruments

  SN74CBTD1G125DBV Datasheet HTML 1Page - Texas Instruments SN74CBTD1G125DBV Datasheet HTML 2Page - Texas Instruments SN74CBTD1G125DBV Datasheet HTML 3Page - Texas Instruments SN74CBTD1G125DBV Datasheet HTML 4Page - Texas Instruments SN74CBTD1G125DBV Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SN74CBTD1G125
SINGLE FET BUS SWITCH
WITH LEVEL SHIFTING
SCDS063C – JULY 1998 – REVISED OCTOBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous channel current
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI/O < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DBV package
347
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DCK package
389
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
VIH
High-level control input voltage
2
V
VIL
Low-level control input voltage
0.8
V
TA
Operating free-air temperature
–40
85
°C
NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
VOH
See Figure 2
II
VCC = 5.5 V,
VI = 5.5 V or GND
±1
µA
ICC
VCC = 5.5 V,
IO = 0,
VI = VCC or GND
1.5
mA
∆ICC§
Control input
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
2.5
mA
Ci
Control input
VI = 3 V or 0
2
pF
Cio(OFF)
VO = 3 V or 0,
OE = VCC
3.5
pF
VI =0
II = 64 mA
5
7
ron¶
VCC = 4.5 V
VI = 0
II = 30 mA
5
7
VI = 2.4 V,
II = 15 mA
35
50
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
¶ Measured by the voltage drop between the A and the B terminals at the indicated current through the switch. On-state resistance is determined
by the lower voltage of the two (A or B) terminals.


Similar Part No. - SN74CBTD1G125DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTD1G125DBVR TI-SN74CBTD1G125DBVR Datasheet
606Kb / 14P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD1G125DBVT TI-SN74CBTD1G125DBVT Datasheet
606Kb / 14P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
More results

Similar Description - SN74CBTD1G125DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTD1G384 TI-SN74CBTD1G384 Datasheet
71Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD1G125DBVR TI-SN74CBTD1G125DBVR Datasheet
606Kb / 14P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306DRG4 TI-SN74CBTD3306DRG4 Datasheet
755Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
logo
Toshiba Semiconductor
TC7SBD384AFU TOSHIBA-TC7SBD384AFU Datasheet
178Kb / 7P
   Single Bus Switch with Level Shifting
TC7SBD385AFU TOSHIBA-TC7SBD385AFU Datasheet
177Kb / 7P
   Single Bus Switch with Level Shifting
logo
Texas Instruments
SN74CBTD3306DR TI-SN74CBTD3306DR Datasheet
769Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306 TI-SN74CBTD3306 Datasheet
74Kb / 5P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
logo
Toshiba Semiconductor
TC7SBD385FU TOSHIBA-TC7SBD385FU Datasheet
118Kb / 7P
   Single Bus Switch with Level Shifting
logo
Texas Instruments
SN74CBTD16211 TI-SN74CBTD16211 Datasheet
87Kb / 6P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211DGVR TI-SN74CBTD16211DGVR Datasheet
330Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com