Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND12C285-DHB-KIT Datasheet(PDF) 3 Page - Purdy Electronics Corporation

Part # AND12C285-DHB-KIT
Description  SVGA Color TFT LCD Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND12C285-DHB-KIT Datasheet(HTML) 3 Page - Purdy Electronics Corporation

  AND12C285-DHB-KIT Datasheet HTML 1Page - Purdy Electronics Corporation AND12C285-DHB-KIT Datasheet HTML 2Page - Purdy Electronics Corporation AND12C285-DHB-KIT Datasheet HTML 3Page - Purdy Electronics Corporation AND12C285-DHB-KIT Datasheet HTML 4Page - Purdy Electronics Corporation AND12C285-DHB-KIT Datasheet HTML 5Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AND12C285-DHB-KIT
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
11/8/06
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
3
Timing Chart


Similar Part No. - AND12C285-DHB-KIT

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND12C285-DHB PURDY-AND12C285-DHB Datasheet
396Kb / 4P
   Liquid Crystal Displays
AND12C285-DHB PURDY-AND12C285-DHB Datasheet
396Kb / 4P
   Liquid Crystal Displays
logo
List of Unclassifed Man...
AND12C285-DHB ETC2-AND12C285-DHB Datasheet
97Kb / 3P
   Color Displays - (Prototype Kits Available for All Displays)
More results

Similar Description - AND12C285-DHB-KIT

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND12C285-4HB PURDY-AND12C285-4HB Datasheet
578Kb / 5P
   SVGA Color TFT LCD Module
logo
AU Optronics Corp.,
G084SN05V.3 AUO-G084SN05V.3 Datasheet
250Kb / 25P
   8.4inch SVGA Color TFT-LCD Module
G121SN01V.1 AUO-G121SN01V.1 Datasheet
407Kb / 28P
   12.1inch SVGA Color TFT-LCD Module
G104SN03V.2 AUO-G104SN03V.2 Datasheet
314Kb / 27P
   10.4 inch SVGA Color TFT LCD Module
G104SN03V.0 AUO-G104SN03V.0 Datasheet
329Kb / 25P
   10.4 inch SVGA Color TFT LCD Module
G084SN03V.0 AUO-G084SN03V.0 Datasheet
223Kb / 24P
   8.4 inch SVGA Color TFT LCD Module
G084SN03V.2 AUO-G084SN03V.2 Datasheet
252Kb / 26P
   8.4 inch SVGA Color TFT LCD Module
logo
Hantronix,Inc
HDA800ST-GL HANTRONIX-HDA800ST-GL Datasheet
1Mb / 18P
   8?? TFT SVGA (800X600) COLOR LCD DISPLAY MODULE
HDA800S-GT HANTRONIX-HDA800S-GT_15 Datasheet
1Mb / 16P
   8 TFT SVGA (800X600) COLOR LCD DISPLAY MODULE
HDA800ST-GHL HANTRONIX-HDA800ST-GHL Datasheet
1Mb / 18P
   8?? TFT SVGA (800X600) COLOR LCD DISPLAY MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com