Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

75003-0305 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 75003-0305
Description  High Speed Mezzanine for 10.0 Gbps Bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

75003-0305 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  75003-0305 Datasheet HTML 1Page - Molex Electronics Ltd. 75003-0305 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our website at www.molex.com/product/hsmezz.html
Order No. USA-195 Rev. 1
Printed in USA/5K/JI/JI/2005.11
©2005, Molex
Plateau HS Mezz™
High Speed Mezzanine for
10.0 Gbps Bandwidth
75003, 75005
ORDERING INFORMATION
The Plateau HS Mezz connector system is specifically
suited for mezzanine applications where high
differential signal speeds and cost efficiency are
desired, including:
Switches and hubs
Routers
Servers and blade servers
Workstations
Storage devices
Mated Stack Height
No. of Differential Pairs
No. of Circuits
Plug Height
Receptacle Height
Order No.
Plug
Receptacle
10.00mm (.394")
6
12
5.50mm (.217")
4.50mm (.117")
75003-0305
75005-0304
12
24
75003-0005
75005-0004
24
48
75003-0105
75005-0104
36
72
75003-0205
75005-0204
12.00mm (.472")
6
12
5.50mm (.217")
6.50mm (.256")
75003-0305
75005-0306
12
24
75003-0005
75005-0006
24
48
75003-0105
75005-0106
36
72
75003-0205
75005-0206
13.00mm (.512")
6
12
8.50mm (.335")
4.50mm (.117")
75003-0308
75005-0304
12
24
75003-0008
75005-0004
24
48
75003-0108
75005-0104
36
72
75003-0208
75005-0204
15.00mm (.591")
6
12
10.50mm (.413")
4.50mm (.117")
75003-0310
75005-0304
12
24
75003-0010
75005-0004
24
48
75003-0110
75005-0104
36
72
75003-0210
75005-0204
6
12
8.50mm (.335")
6.50mm (.256")
75003-0308
75005-0306
12
24
75003-0008
75005-0006
24
48
75003-0108
75005-0106
36
72
75003-0208
75005-0206
17.00mm (.669")
6
12
10.50mm (.413")
6.50mm (.256")
75003-0310
75005-0306
12
24
75003-0010
75005-0006
24
48
75003-0110
75005-0106
36
72
75003-0210
75005-0206
20.00mm (.787")
6
12
5.50mm (.217")
14.50mm (.571")
75003-0305
12
24
75003-0005
75005-0014
24
48
75003-0105
75005-0114
36
72
75003-0205
75005-0214
23.00mm (.906")
6
12
8.50mm (.335")
14.50mm (.571")
75003-0308
12
24
75003-0008
75005-0014
24
48
75003-0108
75005-0114
36
72
75003-0208
75005-0214
25.00mm (.984")
6
12
10.50mm (.413")
14.50mm (.571")
75003-0310
12
24
75003-0010
75005-0014
24
48
75003-0110
75005-0114
36
72
75003-0210
75005-0214
Contact Molex for availability


Similar Part No. - 75003-0305

ManufacturerPart #DatasheetDescription
logo
MolexKits
75003-0305 MOLEXKITS-75003-0305 Datasheet
47Kb / 6P
   Includes KK100,HDM,EBBl 50D, SEARAY,Plateau HS Mezz,IEEE1386,SlimStack Product Families. Pitches range:0.635mm-2.54mm
More results

Similar Description - 75003-0305

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
IT3D-100S-BGA37 HIROSE-IT3D-100S-BGA37 Datasheet
1Mb / 20P
   High-Speed(10Gbps) BGA Mezzanine Connectors
logo
Molex Electronics Ltd.
75003-0X05 MOLEX-75003-0X05 Datasheet
608Kb / 2P
   Combination High Speed Mezzanine
SD-75005-001 MOLEX11-SD-75005-001 Datasheet
222Kb / 3P
   SALES DRAWING FOR HIGH SPEED MEZZANINE RECEPTACLE
logo
MolexKits
76650-0130 MOLEXKITS-76650-0130 Datasheet
42Kb / 2P
   High Speed Mezzanine Gold Plug and Receptacle
logo
List of Unclassifed Man...
QL82SD ETC1-QL82SD Datasheet
3Mb / 60P
   10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
logo
Integrated Technology F...
251013B ITF-251013B Datasheet
153Kb / 2P
   Typical 1dB bandwidth of 10.0 MHz
251008B ITF-251008B Datasheet
179Kb / 2P
   Typical 1dB bandwidth of 10.0 MHz
251017B ITF-251017B Datasheet
171Kb / 2P
   Typical 1dB bandwidth of 10.0 MHz
231003B ITF-231003B Datasheet
183Kb / 2P
   Typical 1dB bandwidth of 10.0 MHz
logo
Teledyne Technologies I...
DAS10241 TELEDYNE-DAS10241 Datasheet
500Kb / 2P
   1.0 TO 10.0 GHz HIGH-SPEED ANALOG DETECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com