Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND120CR Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND120CR
Description  GaAlAs Red Light Emission
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND120CR Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND120CR Datasheet HTML 1Page - Purdy Electronics Corporation AND120CR Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
6/14/07
AND120CR
Ultra Bright LED Lamps: Type 1
Weight: 0.31 g
Unit: mm
0.5
5.0
1. Anode
2. Cathode
2
1
2.54
Cathode Index
AND120CR
GaAlAs Red Light Emission
T-1 3/4 Package (5 mm)
Features
• Peak wavelength (
λp = 660 nm) high bright emission
• All plastic mold type, clear colorless lens
• Low drive current: 20 mA for outdoor applications
0.5 mA for indoor applications
• Excellent On-Off contrast ratio
• Fast response time, capable of pulse operation
• Suitable for Outdoor Message Signboards
• RoHS Compliant
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
30
mA
Reverse Voltage
VR
4V
Power Dissipation
PD
75
mW
Operating Temperature Range
TOpr
-25 to 85
°C
Storage Temperature Range
TStg
-25 to 100
°C
Precaution
Please be careful of the following:
1. Soldering temperature: 260°C max
Soldering time: 5 sec. max
Soldering portion of lead: up to 1.6 mm from the body of the device
2. The lead can be formed up to 5 mm from the body of the device without forming stress.
Soldering should be performed after the lead forming.
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
–1.9
2.5
V
Reverse Current
IR
VR = 4 V
100
µA
Luminous Intensity
IV
IF = 20 mA
1,200
2,000
mcd
Peak Emission Wavelength
lP
IF = 20 mA
660
nm
Spectral Line Half Width
∆λ
IF = 20 mA
–25–
nm
Dominant Wavelength
λd
IF = 20 mA
640
nm
Full Viewing Angle
θ
IV = 1/2 Peak
22
degree
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.


Similar Part No. - AND120CR

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND120CRP PURDY-AND120CRP Datasheet
45Kb / 2P
   GaAlAs Red Light Emission
More results

Similar Description - AND120CR

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND125CRP PURDY-AND125CRP Datasheet
45Kb / 2P
   GaAlAs Red Light Emission
AND155CRP PURDY-AND155CRP Datasheet
46Kb / 2P
   GaAlAs Red Light Emission
AND130CR PURDY-AND130CR Datasheet
45Kb / 2P
   GaAlAs Red Light Light Emission
AND126CR PURDY-AND126CR Datasheet
47Kb / 2P
   GaAlAs Red Light Emission
AND120BR PURDY-AND120BR Datasheet
47Kb / 2P
   GaAlAs Red Light Emission
AND134CRP PURDY-AND134CRP Datasheet
48Kb / 2P
   GaAlAs Red Light Emission
AND120CRP PURDY-AND120CRP Datasheet
45Kb / 2P
   GaAlAs Red Light Emission
AND5RA PURDY-AND5RA Datasheet
51Kb / 2P
   GaAlAs Ultra Bright Red Light Emission Surface Mount Package
AND4RA PURDY-AND4RA Datasheet
51Kb / 2P
   GaAlAs Ultra Bright Red Light Emission Surface Mount Package
logo
List of Unclassifed Man...
TLS258 ETC1-TLS258 Datasheet
115Kb / 1P
   GaAsP RED LIGHT EMISSION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com