Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39170-2050 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 39170-2050
Description  Interface Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39170-2050 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  39170-2050 Datasheet HTML 1Page - Molex Electronics Ltd. 39170-2050 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Female D-Sub Connector to Fixed 5.08mm (.200”) Terminal Block
Female D-Sub Connector to Pluggable 5.08mm (.200”) Terminal Block
ORDERING INFORMATION
Interface Modules
39170
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com/product/tblocks.html
Order No. USA-316
Printed in USA/2.5K/JI/JI/2005.06
©2005 Molex
Circuits
Order No.
Dimensions
Ribbon-Cable Connector to Fixed Mount
5.08mm (.200”) Terminal Block
Ribbon-Cable Connector to Pluggable
5.08mm (.200”) Terminal Block
Length
14
39170-1014
39170-1114
50.80mm (2.000”)
16
39170-1016
39170-1116
53.30mm (2.100”)
20
39170-1020
39170-1120
61.00mm (2.400”)
26
39170-1026
39170-1126
76.20mm (3.000”)
34
39170-1034
39170-1134
95.00mm (3.740”)
40
39170-1040
39170-1140
111.50mm (4.390”)
50
39170-1050
39170-1150
135.60mm (5.340”)
Circuits
Order No.
Dimensions
Male-D Sub Connector to Fixed Mount
5.08mm (.200”) Terminal Block
Male-D Sub Connector to Pluggable
5.08mm (.200”) Terminal Block
Length
9
39170-2009
39170-2109
39.40mm (1.550”)
15
39170-2015
39170-2115
54.40mm (2.140”)
25
39170-2025
39170-2125
79.80mm (3.140”)
37
39170-2037
39170-2137
106.40mm (4.190”)
50
39170-2050
39170-2150
142.00mm (5.590”)
Circuits
Order No.
Dimensions
Female-D Sub Connector to Fixed Mount
5.08mm (.200”) Terminal Block
Female-D Sub Connector to Pluggable
5.08mm (.200”) Terminal Block
Length
9
39170-3009
39170-3109
39.40mm (1.550”)
15
39170-3015
39170-3115
54.40mm (2.140”)
25
39170-3025
39170-3125
79.80mm (3.140”)
37
39170-3037
39170-3137
106.40mm (4.190”)
50
39170-3050
39170-3150
142.00mm (5.590”)
Ribbon-Cable Connector to Fixed 5.08mm (.200”) Terminal Block
Ribbon-Cable Connector to Pluggable 5.08mm (.200”) Terminal Block
Male D-Sub Connector to Fixed 5.08mm (.200”) Terminal Block
Male D-Sub Connector to Pluggable 5.08mm (.200”) Terminal Block


Similar Part No. - 39170-2050

ManufacturerPart #DatasheetDescription
logo
Heyco.
3917 HEYCO-3917 Datasheet
107Kb / 1P
   Locking Releasable Wire Clips
3917A HEYCO-3917A Datasheet
107Kb / 1P
   Locking Releasable Wire Clips
3917V HEYCO-3917V Datasheet
107Kb / 1P
   Locking Releasable Wire Clips
More results

Similar Description - 39170-2050

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
ISM-100C1-000 TALEMA-ISM-100C1-000 Datasheet
25Kb / 1P
   DIL Interface Modules
MHJ-200B1-000 TALEMA-MHJ-200B1-000 Datasheet
44Kb / 1P
   3kV Interface Transformer Modules
MAJ-400A-000 TALEMA-MAJ-400A-000 Datasheet
44Kb / 1P
   Compact SMD Interface Modules
logo
Filtran LTD
8514 FILTRAN-8514 Datasheet
176Kb / 1P
   T1/E1 Interface Modules
logo
Pulse A Technitrol Comp...
T5049NL PULSE-T5049NL Datasheet
278Kb / 4P
   ISDN S-INTERFACE MODULES
logo
Nuvotem Talema
MMJ-100B-501 TALEMA-MMJ-100B-501 Datasheet
66Kb / 2P
   Miniature SMD Interface Modules
logo
Pulse A Technitrol Comp...
PE-68011 PULSE-PE-68011 Datasheet
46Kb / 2P
   10BASE-T INTERFACE MODULES
logo
Bothhand USA, LP.
S5049 BOTHHAND-S5049 Datasheet
27Kb / 1P
   ISDN S-INTERFACE MODULES
logo
CamdenBoss Ltd.
IDC CAMDENBOSS-IDC Datasheet
262Kb / 1P
   Multiple IDC interface modules
logo
Bothhand USA, LP.
FB2009A BOTHHAND-FB2009A Datasheet
259Kb / 1P
   10 BASE-T INTERFACE MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com