Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74726-0002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 74726-0002
Description  SFP Cage Lightpipe Cover Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74726-0002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74726-0002 Datasheet HTML 1Page - Molex Electronics Ltd. 74726-0002 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at http://www.molex.com/product/io/sfpcages.html
Order No. USA-323
Printed in USA/JI/2005.10
©2005, Molex
SFP Cage
Lightpipe Cover Assembly
74726 1-by-1
74727 1-by-2
74728 1-by-4
74729 1-by-5
74748 1-by-6
ORDERING INFORMATION
Networking Equipment
- Switches
- Routers
- Storage racks
Data Communication Equipment
- High-end servers
Order No.
Description
*Lightpipe Location
Mates with
74726-0001
1-by-1
Rear mount
74737
74726-0002
1-by-1
Side mount
74737
74727-0001
1-by-2
Rear mount
74727
74727-0002
1-by-2
Side mount
74727
74728-0001
1-by-4
Rear mount
74728
74729-0001
1-by-5
Rear mount
74723
74748-0001
1-by-6
Rear mount
74747
74748-0002
1-by-6, Low-Profile
Rear mount
74747
*Note: 1-Low-profile lightpipes are available for all rear mounted locations
2-Shortened lightpipes (by 0.052” ) are available for rear mounted locations


Similar Part No. - 74726-0002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74722-0001 MOLEX-74722-0001 Datasheet
378Kb / 2P
   SFP Ganged Cages
74723-0001 MOLEX-74723-0001 Datasheet
378Kb / 2P
   SFP Ganged Cages
logo
TE Connectivity Ltd
747235-000 TEC-747235-000 Datasheet
3Mb / 40P
   Raychem Application Tooling
logo
Tyco Electronics
747275-1 MACOM-747275-1 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
747275-2 MACOM-747275-2 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
More results

Similar Description - 74726-0002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0747540041 MOLEX1-0747540041 Datasheet
35Kb / 1P
   SFP Cage Lightpipe Cover Assembly, 1-by-4
0747540021 MOLEX1-0747540021 Datasheet
33Kb / 1P
   SFP Cage Lightpipe Cover Assembly, 1-by-2
0747540011 MOLEX1-0747540011 Datasheet
31Kb / 1P
   SFP Cage Lightpipe Cover Assembly, 1-by-1
0747280002 MOLEX1-0747280002 Datasheet
30Kb / 1P
   SFP Cage Lightpipe Cover Assembly, 1-by-4, Low Profile
0747480001 MOLEX1-0747480001 Datasheet
31Kb / 1P
   SFP Cage Lightpipe Cover Assembly, 1-by-6, Rear Mount
0747270001 MOLEX1-0747270001 Datasheet
30Kb / 1P
   SFP Cage Lightpipe Cover Assembly, 1-by-2, Rear Mount
0747280001 MOLEX1-0747280001 Datasheet
30Kb / 1P
   SFP Cage Lightpipe Cover Assembly, 1-by-4, Rear Mount
0747270002 MOLEX1-0747270002 Datasheet
31Kb / 2P
   SFP Cage Lightpipe Cover Assembly, 1-by-2, Side Mount
0747280003 MOLEX1-0747280003 Datasheet
31Kb / 1P
   SFP Cage Lightpipe Cover Assembly, 1-by-4, 4.30mm Height
0747260001 MOLEX1-0747260001 Datasheet
29Kb / 1P
   SFP Cage Lightpipe Cover Assembly, 1-by-1, Rear Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com