Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39170-3125 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39170-3125
Description  Interface Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39170-3125 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39170-3125 Datasheet HTML 1Page - Molex Electronics Ltd. 39170-3125 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SPECIFICATIONS
APPLICATIONS
Interface Modules
39170
Interface modules are DIN-Rail mounted, PCB-based
interconnect devices that provide an expedient and
simplistic means to transition between system
Input/Output (I/O) connectors and field equipment.
Modules incorporate terminal blocks and other high-
density electronic connectors.
Molex’s Interface Modules have pre-drilled component
holes, allowing for the addition of other electronic
components, if necessary. Typical additions and
modifications to the standard modules may include
resistors, capacitors, diodes or light emitting diodes
(LEDs) for increased functionality.
Custom interface modules are also available and allow
the user to develop a connector interface system to
meet virtually any application and product
requirement. Molex works seamlessly with our
customers to develop application specific modules to
meet unique design requirements.
Reference Information
Packaging: Box
Designed In: Inches
Electrical
Terminal Blocks
Voltage: 300V
Current: 15.0A max.
Dielectric Withstanding Voltage: 4000V DC
Insulation Resistance: 5000 Megohms min.
Ribbon Cable Connector
Voltage: 120V
Current: 1.0A
Dielectric Withstanding Voltage: 1000V RMS
Insulation Resistance: 1000 Megohms min.
D-Sub Connector
Voltage: 125V
Current: 2.50A
Dielectric Withstanding Voltage: 500V RMS
Insulation Resistance: 1000 Megohms min.
Physical
Terminal Blocks
Housing: PA Polyamide (Nylon 6/6)
Contact: Phosphor Bronze (CuSn)
Plating: Contact Area — Tin (Sn)
Operating Temperature: +110°C max.
Flammability: UL 94V-0
Tightening Torque-Recommended: 0.56Nm (5 in. lbs)
Interface Modules provide a cost effective
and simple transition from cable assemblies to
discrete wiring
I Machine Builders
- Semiconductor equipment
- Mill machines
- Compressor systems
I Process Control Equipment/Systems
- Instrumentation
- Distributed Control Systems (DCS)
- Power generation equipment
I Industrial Control Equipment
- PLCs
- Micro-controllers
- Motion controllers
I Material Handling Equipment
- Conveyor systems
- Elevators/people movers
- Automated warehouse controls
I Transportation
- Signal control
- Railway switching
- Jetway systems
I Construction Equipment
- Scissor lifts
- Beam lifts
D-Sub module
Ribbon-Cable module
Features and Benefits
I High-reliability rising cage clamp connection
technology (on terminal blocks) provides reliable
connection without strand damage
I High-packing density of compact modules enables
space savings where real estate is limited
I Blocks are clearly marked to reduce wiring errors
and installation time
I Fixed or pluggable terminal blocks available for
discrete wire connections providing design flexibility
I Pre-drilled component holes allow for the easy
addition of other components
I Pluggable terminal blocks are provided with coding
pins (keys) to prevent mis-mating


Similar Part No. - 39170-3125

ManufacturerPart #DatasheetDescription
logo
Heyco.
3917 HEYCO-3917 Datasheet
107Kb / 1P
   Locking Releasable Wire Clips
3917A HEYCO-3917A Datasheet
107Kb / 1P
   Locking Releasable Wire Clips
3917V HEYCO-3917V Datasheet
107Kb / 1P
   Locking Releasable Wire Clips
More results

Similar Description - 39170-3125

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
ISM-100C1-000 TALEMA-ISM-100C1-000 Datasheet
25Kb / 1P
   DIL Interface Modules
MHJ-200B1-000 TALEMA-MHJ-200B1-000 Datasheet
44Kb / 1P
   3kV Interface Transformer Modules
MAJ-400A-000 TALEMA-MAJ-400A-000 Datasheet
44Kb / 1P
   Compact SMD Interface Modules
logo
Filtran LTD
8514 FILTRAN-8514 Datasheet
176Kb / 1P
   T1/E1 Interface Modules
logo
Pulse A Technitrol Comp...
T5049NL PULSE-T5049NL Datasheet
278Kb / 4P
   ISDN S-INTERFACE MODULES
logo
Nuvotem Talema
MMJ-100B-501 TALEMA-MMJ-100B-501 Datasheet
66Kb / 2P
   Miniature SMD Interface Modules
logo
Pulse A Technitrol Comp...
PE-68011 PULSE-PE-68011 Datasheet
46Kb / 2P
   10BASE-T INTERFACE MODULES
logo
Bothhand USA, LP.
S5049 BOTHHAND-S5049 Datasheet
27Kb / 1P
   ISDN S-INTERFACE MODULES
logo
CamdenBoss Ltd.
IDC CAMDENBOSS-IDC Datasheet
262Kb / 1P
   Multiple IDC interface modules
logo
Bothhand USA, LP.
FB2009A BOTHHAND-FB2009A Datasheet
259Kb / 1P
   10 BASE-T INTERFACE MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com