Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2500P1-1A-9D Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ2500P1-1A-9D
Description  60 AMP LATCHING POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ2500P1-1A-9D Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ2500P1-1A-9D Datasheet HTML 1Page - American Zettler, Inc. AZ2500P1-1A-9D Datasheet HTML 2Page - American Zettler, Inc. AZ2500P1-1A-9D Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AZ
10/26/06W
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 106
Electrical
1 x 105 at 40 A 250 VAC Res.
Set and Reset
Pulse Duration
50 ms minimum
Set Time (typical)
20 ms at nominal coil voltage
Reset Time (typical)
20 ms at nominal coil voltage
Dielectric Strength
4000 Vrms coil to contact
(at sea level for 1 min.) 1500 Vrms between open contacts
Insulation
1000 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Creepage Distance
8 mm
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 70°C (158°F)
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
0.062" DA at 10–55 Hz
Shock
Operating
20 g, 11 ms, 1/2 sine (no false operation)
Non-Operating 100 g, 11 ms, 1/2 sine (no damage)
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy
P. C. (coil), heavy tabs (power)
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Weight
33 grams
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.
4. Allow suitable slack on leads when wiring, and do not subject the
terminals to excessive force.
AZ2500
60 AMP LATCHING
POWER RELAY
FEATURES
• Low cost
• 60 Amp switching
• Heavy loads to 15000 VA
• 4 kV dielectric
• Epoxy sealed construction available
• UL, CUR file E43203
CONTACTS
Arrangement
SPST (1 Form A)
Ratings
Resistive load:
Max. switched power: 15000 VA
Max. switched current: 60 A
Max. switched voltage: 400 VAC
Rated Load
60 A at 250 VAC, 6k cycles, General Use
UL, CUR
50 A at 250 VAC, 10k cycles, General Use
40 A at 250 VAC, 100k cycles, General Use
Material
Silver cadmium oxide or silver tin oxide
Resistance
< 50 milliohms initially
(24 V, 1 A voltage drop method)
COIL
Power
At Pickup Voltage
666 mW single coil
(typical)
1.3 W dual coil
Temperature
Max. 105°C (221°F)


Similar Part No. - AZ2500P1-1A-9D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2501 AZETTLER-AZ2501 Datasheet
167Kb / 3P
   50 AMP LATCHING POWER RELAY
AZ2501L AZETTLER-AZ2501L Datasheet
305Kb / 3P
   60 AMP LATCHING POWER RELAY
AZ2501LP1-1A-12D AZETTLER-AZ2501LP1-1A-12D Datasheet
305Kb / 3P
   60 AMP LATCHING POWER RELAY
AZ2501LP1-1A-24D AZETTLER-AZ2501LP1-1A-24D Datasheet
305Kb / 3P
   60 AMP LATCHING POWER RELAY
AZ2501LP1-1A-48D AZETTLER-AZ2501LP1-1A-48D Datasheet
305Kb / 3P
   60 AMP LATCHING POWER RELAY
More results

Similar Description - AZ2500P1-1A-9D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2501L AZETTLER-AZ2501L Datasheet
305Kb / 3P
   60 AMP LATCHING POWER RELAY
logo
Picker Components
PC10L-60 PICKER-PC10L-60 Datasheet
458Kb / 2P
   60 Amp Latching PCB Relay
PC9L-60 PICKER-PC9L-60 Datasheet
1Mb / 3P
   60 Amp Latching PCB Relay
logo
ZETTLER Electronics
AZ762P ZETTLER-AZ762P Datasheet
70Kb / 3P
   20 AMP LATCHING POWER RELAY
logo
American Zettler, Inc.
AZ2510 AZETTLER-AZ2510 Datasheet
125Kb / 2P
   100 AMP LATCHING POWER RELAY
logo
ZETTLER Electronics
AZ2501P1 ZETTLER-AZ2501P1 Datasheet
74Kb / 3P
   50 AMP LATCHING POWER RELAY
logo
American Zettler, Inc.
AZ2501 AZETTLER-AZ2501 Datasheet
167Kb / 3P
   50 AMP LATCHING POWER RELAY
logo
ZETTLER Electronics
AZ2501P2 ZETTLER-AZ2501P2 Datasheet
74Kb / 3P
   50 AMP LATCHING POWER RELAY
logo
Omron Electronics LLC
G9TA OMRON-G9TA Datasheet
174Kb / 5P
   60 A High power latching relay
logo
Picker Components
PC12 PICKER-PC12 Datasheet
549Kb / 2P
   80 Amp PCB Latching Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com