Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71743-4240 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 71743-4240
Description  1.27mm (.050?? Pitch EBBI??50D Receptacles
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

71743-4240 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  71743-4240 Datasheet HTML 1Page - Molex Electronics Ltd. 71743-4240 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.27mm (.050”) Pitch
EBBI™ 50D Receptacles
71743 SCA-2, SMT, Vertical
SPECIFICATIONS
High-temperature thermoplastic housing withstands
lead-free processing temperatures
First-mate, last-break terminals allow hot plugging
Lead-free plating meets RoHS requirements
Can be mated to .062” boards and used as a card-
edge connector to provide a lower cost board-to-
board alternative
Integral guide ears with ESD grounding clips provide
blind-mate capability
40 and 80 circuit versions accommodate Fibre
Channel, SCSI and other drives
Leaf style contact with 30u” Gold (Au) plating rated
for over 500 mating cycles
Features and Benefits
Surface Mount SCA-2 Receptacles Maximize
Board Space For Higher Density Requirements
Compared to Through-Hole Versions
Molex’s SCA-2 Surface Mount Technology (SMT)
receptacles feature surface mount leads, designed to
increase usable board space beneath the connector.
Double-sided boards can be used as a result of SMT
versus through-hole leads, providing increased density.
The SMT receptacles are available in 40 and 80 circuit
versions, commonly found in Fibre Channel and other
drive configurations for storage applications.
SCA-2 SMT receptacles include all of the features
found in Molex’s standard range of SCA-2 products.
SCA-2 connectors meet the requirements of the SCA-2
Single Connector Attach specification for small form
factor disk drives. For additional information on this
specification, visit: www.scsita.org.
Reference Information
Packaging: Tube
UL File No.: E29179
CSA File No.: LR19980-239A
Mates With: Standard SCA-2 and EBBI plugs (Series
71661, 87012, 87571, 87572)
Designed In: Inches
Electrical
Voltage: 30V
Current: 1.0A
Contact Resistance: 20 milliohms max.
Dielectric Withstanding Voltage: 500V AC
Insulation Resistance: 1000 Megohms min.
Mechanical
Contact Retention to Housing: 500g min.
Mating Force: 90g max.
Unmating Force: 15g min.
Normal Force: 90g
Durability: 500 cycles min.
Physical
Housing: LCP UL 94V-0
Contact: Copper (Cu) Alloy
Retention Clip: Copper (Cu) Alloy
Plating:
Contact Area — 30µ” Select Gold (Au)
Solder Tail Area — Tin (Sn)
Underplating — Nickel (Ni)
Operating Temperature: -40 to + 105°C
FEATURES AND SPECIFICATIONS
Left: 80 circuit version Right: 40 circuit version
Side view shows first-mate, last-break contacts,
board retention clip and locating peg


Similar Part No. - 71743-4240

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
71743-4240 MOLEX8-71743-4240 Datasheet
160Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Receptacle, Vertical SCA-2, 40 Circuits, SMT3.00mm (.118") Retention Clip
More results

Similar Description - 71743-4240

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0716612080 MOLEX8-0716612080 Datasheet
283Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug
0716603580 MOLEX8-0716603580 Datasheet
175Kb / 4P
   1.27mm (.050") Pitch EBBI 50D - Receptacle, Vertical, IDT
0716603550 MOLEX8-0716603550 Datasheet
175Kb / 4P
   1.27mm (.050") Pitch EBBI??50D - Receptacle, Vertical, IDT
0716603540 MOLEX8-0716603540 Datasheet
175Kb / 4P
   1.27mm (.050") Pitch EBBI??50D - Receptacle, Vertical, IDT
0716603560 MOLEX8-0716603560 Datasheet
175Kb / 4P
   1.27mm (.050") Pitch EBBI??50D - Receptacle, Vertical, IDT
0716603568 MOLEX8-0716603568 Datasheet
176Kb / 4P
   1.27mm (.050") Pitch EBBI??50D - Receptacle, Vertical, IDT
0716603530 MOLEX8-0716603530 Datasheet
175Kb / 4P
   1.27mm (.050") Pitch EBBI 50D - Receptacle, Vertical, IDT
0015921080 MOLEX2-0015921080 Datasheet
250Kb / 5P
   1.27mm (.050) Pitch EBBI??50D Receptacle, Vertical, 80 Circuits
0015921430 MOLEX2-0015921430 Datasheet
251Kb / 5P
   1.27mm (.050) Pitch EBBI??50D Receptacle, Vertical, 30 Circuits
0015921050 MOLEX2-0015921050 Datasheet
251Kb / 5P
   1.27mm (.050) Pitch EBBI??50D Receptacle, Vertical, 50 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com