Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV16211VRE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # 74CBTLV16211VRE4
Description  LOW-VOLTAGE 24-BIT FET BUS SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74CBTLV16211VRE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button 74CBTLV16211VRE4 Datasheet HTML 2Page - Texas Instruments 74CBTLV16211VRE4 Datasheet HTML 3Page - Texas Instruments 74CBTLV16211VRE4 Datasheet HTML 4Page - Texas Instruments 74CBTLV16211VRE4 Datasheet HTML 5Page - Texas Instruments 74CBTLV16211VRE4 Datasheet HTML 6Page - Texas Instruments 74CBTLV16211VRE4 Datasheet HTML 7Page - Texas Instruments 74CBTLV16211VRE4 Datasheet HTML 8Page - Texas Instruments 74CBTLV16211VRE4 Datasheet HTML 9Page - Texas Instruments 74CBTLV16211VRE4 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MECHANICAL DATA
MPDS006C – FEBRUARY 1996 – REVISED AUGUST 2000
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DGV (R-PDSO-G**)
PLASTIC SMALL-OUTLINE
24 PINS SHOWN
14
3,70
3,50
4,90
5,10
20
DIM
PINS **
4073251/E 08/00
1,20 MAX
Seating Plane
0,05
0,15
0,25
0,50
0,75
0,23
0,13
112
24
13
4,30
4,50
0,16 NOM
Gage Plane
A
7,90
7,70
38
24
16
4,90
5,10
3,70
3,50
A MAX
A MIN
6,60
6,20
11,20
11,40
56
9,60
9,80
48
0,08
M
0,07
0,40
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side.
D. Falls within JEDEC: 24/48 Pins – MO-153
14/16/20/56 Pins – MO-194


Similar Part No. - 74CBTLV16211VRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBTLV16211VRE4 TI1-74CBTLV16211VRE4 Datasheet
361Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
More results

Similar Description - 74CBTLV16211VRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV16211C TI-SN74CBTLV16211C Datasheet
303Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CBTLV16211 TI1-SN74CBTLV16211_08 Datasheet
361Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CBTLV16212 TI-SN74CBTLV16212 Datasheet
105Kb / 8P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16212DGGR TI1-SN74CBTLV16212DGGR Datasheet
350Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16212 TI-SN74CBTLV16212_06 Datasheet
186Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16211A TI-SN74CBT16211A_07 Datasheet
452Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16211A TI-SN74CBT16211A Datasheet
314Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16211A TI-SN74CBT16211A_08 Datasheet
482Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16211 IDT-IDT74CBTLV16211 Datasheet
66Kb / 5P
   LOW-VOLTAGE 24-BIT BUS SWITCH
logo
Renesas Technology Corp
74CBTLV16211 RENESAS-74CBTLV16211 Datasheet
277Kb / 6P
   LOW-VOLTAGE 24-BIT BUS SWITCH
JUNE 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com