Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV16211VRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74CBTLV16211VRE4
Description  LOW-VOLTAGE 24-BIT FET BUS SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74CBTLV16211VRE4 Datasheet(HTML) 1 Page - Texas Instruments

  74CBTLV16211VRE4 Datasheet HTML 1Page - Texas Instruments 74CBTLV16211VRE4 Datasheet HTML 2Page - Texas Instruments 74CBTLV16211VRE4 Datasheet HTML 3Page - Texas Instruments 74CBTLV16211VRE4 Datasheet HTML 4Page - Texas Instruments 74CBTLV16211VRE4 Datasheet HTML 5Page - Texas Instruments 74CBTLV16211VRE4 Datasheet HTML 6Page - Texas Instruments 74CBTLV16211VRE4 Datasheet HTML 7Page - Texas Instruments 74CBTLV16211VRE4 Datasheet HTML 8Page - Texas Instruments 74CBTLV16211VRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN74CBTLV16211
LOW VOLTAGE 24BIT FET BUS SWITCH
SCDS043I − DECEMBER 1997 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Member of the Texas Instruments
Widebus
 Family
D 5-Ω Switch Connection Between Two Ports
D Rail-to-Rail Switching on Data I/O Ports
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
description/ordering information
The SN74CBTLV16211 provides 24 bits of
high-speed bus switching. The low on-state
resistance of the switch allows connections to be
made with minimal propagation delay.
The device is organized as dual 12-bit bus
switches with
separate
output-enable
(OE)
inputs. It can be used as two 12-bit bus switches
or as one 24-bit bus switch. When OE is low, the
associated 12-bit bus switch is on, and port A is
connected to port B. When OE is high, the switch
is open, and the high-impedance state exists
between the two ports.
This
device
is
fully
specified
for
partial-power-down applications using Ioff. The Ioff
feature ensures that damaging current will not
backflow through the device when it is powered
down. The device has isolation during power off.
To ensure the high-impedance state during power
up or power down, OE should be tied to VCC
through a pullup resistor; the minimum value of
the resistor is determined by the current-sinking
capability of the driver.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SSOP − DL
Tube
SN74CBTLV16211DL
CBTLV16211
−40
°C to 85°C
SSOP − DL
Tape and reel
SN74CBTLV16211DLR
CBTLV16211
−40
°C to 85°C
TSSOP − DGG
Tape and reel
SN74CBTLV16211GR
CBTLV16211
TVSOP − DGV
Tape and reel
SN74CBTLV16211VR
CN211
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
DGG, DGV, OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
NC
1A1
1A2
1A3
1A4
1A5
1A6
GND
1A7
1A8
1A9
1A10
1A11
1A12
2A1
2A2
VCC
2A3
GND
2A4
2A5
2A6
2A7
2A8
2A9
2A10
2A11
2A12
1OE
2OE
1B1
1B2
1B3
1B4
1B5
GND
1B6
1B7
1B8
1B9
1B10
1B11
1B12
2B1
2B2
2B3
GND
2B4
2B5
2B6
2B7
2B8
2B9
2B10
2B11
2B12
NC − No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.


Similar Part No. - 74CBTLV16211VRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBTLV16211VRE4 TI1-74CBTLV16211VRE4 Datasheet
361Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
More results

Similar Description - 74CBTLV16211VRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV16211C TI-SN74CBTLV16211C Datasheet
303Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CBTLV16211 TI1-SN74CBTLV16211_08 Datasheet
361Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS SWITCH
SN74CBTLV16212 TI-SN74CBTLV16212 Datasheet
105Kb / 8P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16212DGGR TI1-SN74CBTLV16212DGGR Datasheet
350Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16212 TI-SN74CBTLV16212_06 Datasheet
186Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16211A TI-SN74CBT16211A_07 Datasheet
452Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16211A TI-SN74CBT16211A Datasheet
314Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16211A TI-SN74CBT16211A_08 Datasheet
482Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16211 IDT-IDT74CBTLV16211 Datasheet
66Kb / 5P
   LOW-VOLTAGE 24-BIT BUS SWITCH
logo
Renesas Technology Corp
74CBTLV16211 RENESAS-74CBTLV16211 Datasheet
277Kb / 6P
   LOW-VOLTAGE 24-BIT BUS SWITCH
JUNE 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com