Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39100-1209 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39100-1209
Description  8.00mm (.315?? Pitch 10.00mm (.394?? Pitch 12.00mm (.472?? Pitch 15.00mm (.591?? Pitch Eurostyle짰 Two-Screw Terminal Strip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39100-1209 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39100-1209 Datasheet HTML 1Page - Molex Electronics Ltd. 39100-1209 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
SPECIFICATIONS
8.00mm (.315”) Pitch
10.00mm (.394”) Pitch
12.00mm (.472”) Pitch
15.00mm (.591”) Pitch
Eurostyle® Two-Screw
Terminal Strip
39100
The Eurostyle Two-Screw Terminal Strips from Molex
allow customers to pick from a variety of pitch sizes in
either a standard or low-profile version, to ensure the
best fit for their design requirements. The low-profile
blocks are rated at 300V, while the standard-profile
blocks are rated at 600V. Amperages range from 20.0
to 63.0A depending on the particular pitch space chosen.
All Two-Screw terminal strips meet applicable industry
standards and have a flammability rating of UL 94V-2.
In addition, they are designed with wire protectors to
prevent wire damage and to ensure a reliable
connection. Pre-drilled mounting holes allow for quick
and easy installation in the field. Two and three circuit
jumpers are also available.
Virtually any terminal strip requirement can be met
with the variety of Eurostyle Two-Screw Terminal Strip
styles offered.
Reference Information
UL File No.: E48521
Guide No.: XCFR2
CSA: 025562
Electrical
Voltage:
39100-08XX, -09XX, -10XX,-11XX, -13XX: 300V
39100-12XX, -15XX: 600V
Current:
39100-08XX, -09XX:
20.0A
39100-10XX, -11XX:
30.0A
39100-12XX, -13XX:
40.0A
39100-15XX:
63.0A
Contact Resistance: 0.1 milliohms
Insulation Resistance: 5,000 Megohms min.
Mechanical
Recommended Tightening Torque:
39100-08XX, -09XX: 0.5Nm (4.4 in.-lbs.)
39100-10XX, -11XX, -12XX, -13XX:
0.8Nm (7.0 in.-lbs.)
39100-15XX: 2.1Nm (18.5 in.-lbs.)
UL Flammability Rating: UL 94V-2
Wire Range:
39100-08XX, -09XX: 12 to 22 AWG
39100-10XX, -11XX: 10 to 18 AWG
39100-12XX, -13XX: 8 to 20 AWG
39100-15XX: 6 to 14 AWG
Insulation Temperature Resistance:
Continuous — +100°C
Short Term — +140°C
Physical
Housing: Nylon, Polyamide 6/6
Terminal: Brass
Wire Protector: Stainless Steel
Screw: Steel
Plating:
Terminal — Nickel
Screw — Zinc
Features and Benefits
I Modular design allows larger blocks to be easily cut
into smaller circuit sizes
I Contacts and screws are recessed within the housing
to help prevent short circuits
I Wire protectors prevent stranded wire damage
during connection
I Range of pitch spacing, wire ranges and electrical
ratings provides the customer with design flexibility
to choose the block that best fits the requirements
I Easy installation saves time and money
Eurostyle Two-Screw Terminal Strips are available in a wide variety of pitch spacings


Similar Part No. - 39100-1209

ManufacturerPart #DatasheetDescription
logo
MolexKits
39100-1202 MOLEXKITS-39100-1202 Datasheet
38Kb / 3P
   12.00mm (.472") Pitch Two Screw Terminal Strip with Standoffs
39100-1203 MOLEXKITS-39100-1203 Datasheet
38Kb / 3P
   12.00mm (.472") Pitch Two Screw Terminal Strip with Standoffs
39100-1204 MOLEXKITS-39100-1204 Datasheet
38Kb / 3P
   12.00mm (.472") Pitch Two Screw Terminal Strip with Standoffs
logo
Molex Electronics Ltd.
39100-1205 MOLEX5-39100-1205 Datasheet
262Kb / 2P
   12.00mm (.472") Pitch Beau??Eurostyle??Two-Screw Terminal Strips, 5 Circuits
logo
MolexKits
39100-1206 MOLEXKITS-39100-1206 Datasheet
38Kb / 3P
   12.00mm (.472") Pitch Two Screw Terminal Strip with Standoffs
More results

Similar Description - 39100-1209

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0021 MOLEXKITS-76650-0021 Datasheet
37Kb / 2P
   10.00mm (.394") Pitch Two Screw Terminal Strip with Standoffs
76650-0022 MOLEXKITS-76650-0022 Datasheet
38Kb / 3P
   12.00mm (.472") Pitch Two Screw Terminal Strip with Standoffs
logo
Molex Electronics Ltd.
0391001510 MOLEX5-0391001510 Datasheet
256Kb / 2P
   15.00mm (.591") Pitch Beau Eurostyle Two-Screw Terminal Strips, 10 Circuits
0391001511 MOLEX5-0391001511 Datasheet
256Kb / 2P
   15.00mm (.591") Pitch Beau??Eurostyle??Two-Screw Terminal Strips, 11 Circuits
0391001503 MOLEX5-0391001503 Datasheet
256Kb / 2P
   15.00mm (.591") Pitch Beau??Eurostyle??Two-Screw Terminal Strips, 3 Circuits
0391001508 MOLEX5-0391001508 Datasheet
256Kb / 2P
   15.00mm (.591") Pitch Beau??Eurostyle??Two-Screw Terminal Strips, 8 Circuits
0391001502 MOLEX5-0391001502 Datasheet
256Kb / 2P
   15.00mm (.591") Pitch Beau??Eurostyle??Two-Screw Terminal Strips, 2 Circuits
0391001505 MOLEX5-0391001505 Datasheet
256Kb / 2P
   15.00mm (.591") Pitch Beau??Eurostyle??Two-Screw Terminal Strips, 5 Circuits
0391001512 MOLEX5-0391001512 Datasheet
256Kb / 2P
   15.00mm (.591") Pitch Beau??Eurostyle??Two-Screw Terminal Strips, 12 Circuits
0351830411 MOLEX4-0351830411 Datasheet
122Kb / 2P
   8.00/10.00mm (.315/.394") Pitch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com