Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2704-1A-12D Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ2704-1A-12D
Description  30 AMP POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ2704-1A-12D Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ2704-1A-12D Datasheet HTML 1Page - American Zettler, Inc. AZ2704-1A-12D Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
COIL SPECIFICATIONS – AC COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Current
1 Form X
2 Form X
VAC
VAC
VAC
mA ± 10%
6
4.80
6.6
319
AZ2704–1A–6A
AZ2704–2A–6A
12
9.60
13.2
160
AZ2704–1A–12A
AZ2704–2A–12A
24
19.2
26.4
80
AZ2704–1A–24A
AZ2704–2A–24A
48
38.4
52.8
40
AZ2704–1A–48A
AZ2704–2A–48A
120
96.0
132.0
23
AZ2704–1A–120A
AZ2704–2A–120A
220
176.0
242.0
10
AZ2704–1A–220A
AZ2704–2A–220A
240
192.0
264.0
9.2
AZ2704–1A–240A
AZ2704–2A–240A
*For silver tin oxide add suffix “T” (UL approved for 1 Form X version only). For wide contact gap add “W”. For Class F add suffix “F”.
AZ2704
2/14/05W
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
RELAY ORDERING DATA
COIL SPECIFICATIONS – DC COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
1 Form X
2 Form X
VDC
VDC
VDC
± 10%
3
2.25
4.2
4.7
AZ2704–1A–3D
AZ2704–2A–3D
6
4.50
8.4
18.8
AZ2704–1A–6D
AZ2704–2A–6D
12
9.00
16.8
75
AZ2704–1A–12D
AZ2704–2A–12D
24
18.00
33.7
300
AZ2704–1A–24D
AZ2704–2A–24D
48
36.0
67.5
1200
AZ2704–1A–48D
AZ2704–2A–48D
100
75.0
140.5
5200
AZ2704–1A–100D
AZ2704–2A–100D
110
82.5
154.7
6300
AZ2704–1A–110D
AZ2704–2A–110D
200
150.0
282.4
21000
AZ2704–1A–200D
AZ2704–2A–200D
[3.3]
.130
.043
[6.7]
.264
.043
[3.3]
.130
1.441
[36.6]
[36.0]
[11.0]
.433
1.415
.236
[6.0]
1.319
[33.5]
.110 x .032
[2.8 x 0.81]
1.989
[50.5]
[6.7]
.264
.437
[11.1]
.567
[14.4]
.437
[11.1]
.701
[17.8]
[8.5]
.335
.567
[14.4]
[1.1]
[1.1]
.335
[8.5]
.697
[17.7]
[17.7]
.697
MOUNTING HOLE LAYOUT
1
6
WIRING DIAGRAMS
VIEWED TOWARD TERMINALS
2 FORM X
1 FORM X
1 FORM X
1
68
0
4
2 FORM X
0
4
2
0
1
2
4
6
8


Similar Part No. - AZ2704-1A-12D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ2704-1A-12D ZETTLER-AZ2704-1A-12D Datasheet
75Kb / 3P
   30 AMP POWER RELAY
More results

Similar Description - AZ2704-1A-12D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ2704 ZETTLER-AZ2704 Datasheet
75Kb / 3P
   30 AMP POWER RELAY
logo
American Zettler, Inc.
AZ2702 AZETTLER-AZ2702 Datasheet
102Kb / 2P
   30 AMP POWER RELAY
AZ2703 AZETTLER-AZ2703 Datasheet
104Kb / 2P
   30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730_16 Datasheet
626Kb / 3P
   30 Amp Power Relay
logo
American Zettler, Inc.
AZ2701 AZETTLER-AZ2701 Datasheet
91Kb / 2P
   30 AMP POWER RELAY
logo
Picker Components
PC730 PICKER-PC730 Datasheet
207Kb / 3P
   30 Amp Power Relay
logo
American Zettler, Inc.
AZ2705 AZETTLER-AZ2705 Datasheet
108Kb / 2P
   30 AMP POWER RELAY
AZ2700 AZETTLER-AZ2700 Datasheet
103Kb / 2P
   30 AMP POWER RELAY
logo
Picker Components
PC737 PICKER-PC737 Datasheet
189Kb / 2P
   30 Amp Power Relay
logo
List of Unclassifed Man...
AZ2280 ETC-AZ2280 Datasheet
69Kb / 2P
   30 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com