Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ830-4C-5DSEA Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ830-4C-5DSEA
Description  4 POLE POLARIZED MINIATURE DIP RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ830-4C-5DSEA Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ830-4C-5DSEA Datasheet HTML 1Page - American Zettler, Inc. AZ830-4C-5DSEA Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AZ
2/26/03W
AZ830 4POLE
4 POLE POLARIZED
MINIATURE DIP RELAY
FEATURES
• Single side stable and two coil bistable versions
• High sensitivity, 90 mW pickup
• Low profile DIP package
• DC coils to 48 VDC
• Life expectancy to 100 million operations
• Meets FCC Part 68.302 1500 V lightning surge
• Meets FCC Part 68.304 1000 V dielectric
• Epoxy sealed for automatic wave soldering and cleaning
• UL file E43203; CSA file 73363
CONTACTS
Arrangement
4PDT (4 Form C)
Bifurcated crossbar contacts
Ratings
Resistive load:
Max. switched power: 60 W or 60 VA
Max. switched current: 2 A
Max. switched voltage: 220 VDC or 250 VAC
Rated Load
UL
1 A at
30 VDC
0.5 A at 120 VAC
Material
Silver palladium, gold clad
Resistance
< 50 milliohms initially
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 108
Electrical
5 x 105 at 2 A, 30 VDC
2 x 105 at 0.5 A, 120 VAC
Operate Time (typical)
3 ms at nominal coil voltage
Release Time (typical)
2 ms at nominal coil voltage
(with no coil suppression)
Capacitance
Contact to contact: 1.0 pF
Contact set to contact: 1.7 pF
Contact to coil: 2.0 pF
Bounce (typical)
At 10 mA contact current
0.3 ms at operate
0.3 ms at release
Dielectric Strength
1500 Vrms contact to coil
(at sea level)
1500 Vrms between contact sets
1000 Vrms across contacts
250 Vrms coil to coil (dual coil)
1500 Vrms surge contact to coil
1500 Vrms surge contact set to contact set
Meets FCC Part 68.302 lightning surge
Meets FCC Part 68.304 V dielectric
Insulation Resistance
1000 megohms min. at 20°C, 500 VDC,
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
Standard: -40°C (-40°F) to 70°C (158°F)
Sensitive: -40°C (-40°F) to 80°C (176°F)
Storage
Both: -40°C (-40°F) to 110°C (230°F)
Vibration
0.062" DA at 10–55 Hz
Shock
30 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
260°C (500°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
6.5 grams
COIL (Polarized)
Power
At Pickup Voltage
Standard coil: 200 mW, single side stable
(typical)
180 mW, bistable (latching) two coil
Sensitive coil: 100 mW, single side stable
90 mW, bistable (latching) two coil
Max. Continuous
1.27 W at 20°C (68°F) ambient
Dissipation
0.99 W at 40°C (104°F) ambient
Temperature Rise
Standard: 34°C (61°F) at nominal coil voltage
Sensitive: 17°C (31°F) at nominal coil voltage
Temperature
Max. 110°C (230°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Relay has fixed coil polarity.
4. Relay adjustment may be affected if undue pressure is exerted
on relay case.
5. For complete isolation between the relay’s magnetic fields, it is
recommended that a .197" (5.0 mm) space be provided between
adjacent relays.
6. Specifications subject to change without notice.


Similar Part No. - AZ830-4C-5DSEA

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ830-4C-5DSEA ZETTLER-AZ830-4C-5DSEA Datasheet
99Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
More results

Similar Description - AZ830-4C-5DSEA

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ830-4C-5DEA ZETTLER-AZ830-4C-5DEA Datasheet
156Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
AZ830-4C ZETTLER-AZ830-4C Datasheet
99Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P ZETTLER-AZ830P Datasheet
78Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830 ZETTLER-AZ830_13 Datasheet
203Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
List of Unclassifed Man...
AZ832 ETC1-AZ832 Datasheet
55Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com