Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ8222-2C-6DSE Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ8222-2C-6DSE
Description  SUBMINIATURE ULTRA-SENSITIVE DIP RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ8222-2C-6DSE Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ8222-2C-6DSE Datasheet HTML 1Page - American Zettler, Inc. AZ8222-2C-6DSE Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 2.0 A 30 VDC Res.
Operate Time (typical)
6 ms at nominal coil voltage
Release Time (typical)
4 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
1500 Vrms contact to coil
(at sea level for 1 min.) 1000 Vrms between open contacts
1500 Vrms contact set to contact set
Insulation Resistance
1000 megohms min. at 20°C, 500 VDC,
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 70°C (158°F) standard
-40°C (-40°F) to 80°C (176°F) sensitive
-40°C (-40°F) to 85°C (185°F) ultra-sensitive
Storage
-40°C (-40°F) to 105°C (221°F)
Vibration
1.5 mm DA at 10–55 Hz
Shock
50 g 11 ms 1/2 sine
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
5 grams
COIL
Power
At Pickup Voltage
180 mW standard
(typical)
100 mW sensitive
84 mW ultra-sensitive
Max. Continuous
1.2 W at 20°C (68°F)
Dissipation
Temperature Rise
34°C (61°F) standard
23°C (41°F) sensitive
19°C (34°F) ultra-sensitive
Temperature
Max. 105°C (221°F)
CONTACTS
Arrangement
DPDT (2 Form C)
Ratings
Resistive load:
Max. switched power: 60 W or 125 VA
Max. switched current: 2 A
Max. switched voltage: 120 VDC or 240 VAC
Rated Load
UL
2.0 A at 30 VDC
1.0 A at 125 VAC
Material
Silver nickel, gold plated
Resistance
< 50 milliohms initially
AZ8222
12/17/03W
SUBMINIATURE
ULTRA-SENSITIVE
DIP RELAY
FEATURES
• Low profile for compact board spacing
• DC coils to 48 VDC
• Bifurcated crossbar contacts
• Ultra-sensitivity, 84 mW pickup
• Life expectancy to 10 million operations
• High switching capacity, 60 W, 125 VA
• Fits standard 16 pin IC socket
• Epoxy sealed for automatic wave soldering and cleaning
• Meets FCC Part 68.302 1500 V lightning surge
• Meets FCC Part 68.304 1000 V dielectric
• UL, CUR file E43203
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Other coil resistances and sensitivities available upon request.
4. Specifications subject to change without notice.


Similar Part No. - AZ8222-2C-6DSE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ822 ZETTLER-AZ822 Datasheet
52Kb / 2P
   SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ822 AZETTLER-AZ822 Datasheet
81Kb / 2P
   SUBMINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ822 ZETTLER-AZ822 Datasheet
50Kb / 2P
   SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ822-2C-12DE AZETTLER-AZ822-2C-12DE Datasheet
81Kb / 2P
   SUBMINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ822-2C-12DSE ZETTLER-AZ822-2C-12DSE Datasheet
52Kb / 2P
   SUBMINIATURE DIP RELAY
More results

Similar Description - AZ8222-2C-6DSE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ826 ETC2-AZ826 Datasheet
157Kb / 2P
   SUBMINIATURE ULTRA-SENSITIVE DIP RELAY
logo
American Zettler, Inc.
AZ826 AZETTLER-AZ826 Datasheet
87Kb / 2P
   SUBMINIATURE ULTRA-SENSITIVE DIP RELAY
AZ921 AZETTLER-AZ921 Datasheet
1Mb / 3P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ921 ZETTLER-AZ921 Datasheet
509Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
List of Unclassifed Man...
AZ920 ETC-AZ920 Datasheet
60Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ920 AZETTLER-AZ920 Datasheet
203Kb / 3P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ920 ZETTLER-AZ920 Datasheet
121Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ9201 AZETTLER-AZ9201 Datasheet
498Kb / 2P
   ULTRA-SENSITIVE SUBMINIATURE RELAY
logo
ZETTLER Electronics
AZ6951 ZETTLER-AZ6951 Datasheet
381Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
logo
American Zettler, Inc.
AZ6951 AZETTLER-AZ6951 Datasheet
146Kb / 2P
   SENSITIVE SUBMINIATURE RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com