Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ7671-1A-3DS Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ7671-1A-3DS
Description  10 AMP SUBMINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ7671-1A-3DS Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ7671-1A-3DS Datasheet HTML 1Page - American Zettler, Inc. AZ7671-1A-3DS Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RELAY ORDERING DATA
STANDARD RELAYS
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil
Form A (SPST)
Form C (SPDT)
VDC
VDC
VDC
Resistance ± 10%
3
2.25
3.9
20
AZ7671–1A–3D
AZ7671–1C–3D
5
3.75
6.5
55
AZ7671–1A–5D
AZ7671–1C–5D
6
4.5
7.8
80
AZ7671–1A–6D
AZ7671–1C–6D
9
6.75
11.7
180
AZ7671–1A–9D
AZ7671–1C–9D
12
9.0
15.6
320
AZ7671–1A–12D
AZ7671–1C–12D
18
13.5
23.4
720
AZ7671–1A–18D
AZ7671–1C–18D
24
18.0
31.2
1,280
AZ7671–1A–24D
AZ7671–1C–24D
SENSITIVE RELAYS
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil
Form A (SPST)
VDC
VDC
VDC
Resistance ± 10%
3
2.25
3.9
45
AZ7671–1A–3DS
5
3.75
6.5
125
AZ7671–1A–5DS
6
4.5
7.8
180
AZ7671–1A–6DS
9
6.75
11.7
400
AZ7671–1A–9DS
12
9.0
15.6
720
AZ7671–1A–12DS
18
13.5
23.4
1600
AZ7671–1A–18DS
24
18.0
31.2
2800
AZ7671–1A–24DS
[2.54]
.100
[7.62]
.300
[11.20]
.441
[1.49]
.058
[10.59]
.417 MAX.
[15.59]
.614 MAX.
[1.85]
.073
[3.73]
.147
[18.80]
.740 MAX.
[1.85]
.073
[1.50]
.059
FORM C ONLY
FORM C ONLY
54
12
3
4xø.052 - FORM A
[ø1.3]
5xø.052 - FORM C
VIEWED TOWARD TERMINALS
VIEWED TOWARD TERMINALS
WIRING DIAGRAM
PC BOARD LAYOUT
AZ7671
10/2/08 W
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
*Add suffix “E” for epoxy sealed version.
MECHANICAL DATA
*Add suffix “E” for epoxy sealed version.


Similar Part No. - AZ7671-1A-3DS

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ767 ZETTLER-AZ767 Datasheet
48Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ767 AZETTLER-AZ767 Datasheet
81Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ767 ZETTLER-AZ767 Datasheet
485Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
AZ767-1A-12D ZETTLER-AZ767-1A-12D Datasheet
48Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ767-1A-12D AZETTLER-AZ767-1A-12D Datasheet
81Kb / 2P
   SPDT SUBMINIATURE POWER RELAY
More results

Similar Description - AZ7671-1A-3DS

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962_15 Datasheet
532Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6962 AZETTLER-AZ6962 Datasheet
125Kb / 3P
   10 AMP SUBMINIATURE POWER RELAY
AZ696 AZETTLER-AZ696 Datasheet
90Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6961 ZETTLER-AZ6961_13 Datasheet
135Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ696 ETC-AZ696 Datasheet
57Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962 Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
logo
Picker Components
PC835 PICKER-PC835_17 Datasheet
866Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC415 PICKER-PC415_15 Datasheet
523Kb / 2P
   10 Amp Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com