Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ9402-1A-3DS Datasheet(PDF) 2 Page - American Zettler, Inc.

Part # AZ9402-1A-3DS
Description  10 AMP MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ9402-1A-3DS Datasheet(HTML) 2 Page - American Zettler, Inc.

  AZ9402-1A-3DS Datasheet HTML 1Page - American Zettler, Inc. AZ9402-1A-3DS Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPST-NO
AZ9402
AZ9402-1A-6DSE
AZ9402-1A-18DSE
ORDER NUMBER**
AZ9402-1A-3DSE
AZ9402-1A-9DSE
ORDER NUMBER*
SPDT
Unsealed
*Add suffix “E” for sealed version
AZ9402-1C-12D
AZ9402-1A-5DSE
AZ9402-1A-12DSE
AZ9402-1A-24DSE
Sealed
4/2/09W
MECHANICAL DATA
.058
[1.49]
.400
.300
[10.16]
.100
[7.62]
[0.31±0.12]
5 x.012±.005
.300
[7.62]
[3.8]
5 x.150
.417 max.
[10.59]
.614 max.
[15.60]
.016
[0.8]
5 x.031
[0.40]
.807 max.
[20.50]
.054
[1.36]
5 x ø.051
[2.54]
[ø1.3]
FORM C
VIEWED TOWARD TERMINALS
WIRING DIAGRAM
PC BOARD LAYOUT
FORM A
*omitted from Form A
*
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
AZ9402-1C-5D
AZ9402-1C-6D
AZ9402-1C-18D
AZ9402-1C-3D
AZ9402-1C-9D
AZ9402-1C-24D
RELAY ORDERING DATA
COIL SPECIFICATIONS – Standard Coil (SPDT and SPST)
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
VDC
VDC
VDC
± 10%
3
2.25
3.3
20
AZ9402–1A–3D
5
3.75
5.5
56
AZ9402–1A–5D
6
4.5
6.6
80
AZ9402–1A–6D
9
6.75
9.9
180
AZ9402–1A–9D
12
9.0
13.2
320
AZ9402–1A–12D
18
13.5
19.8
720
AZ9402–1A–18D
24
18.0
26.4
1280
AZ9402–1A–24D
COIL SPECIFICATIONS – Sensitive Coil (SPST)
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
VDC
VDC
VDC
± 10%
3
2.25
3.3
45
AZ9402–1A–3DS
5
3.75
5.5
125
AZ9402–1A–5DS
6
4.5
6.6
180
AZ9402–1A–6DS
9
6.75
9.9
405
AZ9402–1A–9DS
12
9.0
13.2
720
AZ9402–1A–12DS
18
13.5
19.8
1620
AZ9402–1A–18DS
24
18.0
26.4
2880
AZ9402–1A–24DS


Similar Part No. - AZ9402-1A-3DS

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940 Datasheet
49Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ940 AZETTLER-AZ940 Datasheet
104Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ940-1A-12D AZETTLER-AZ940-1A-12D Datasheet
104Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940-1A-12D ZETTLER-AZ940-1A-12D Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
More results

Similar Description - AZ9402-1A-3DS

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ692 ETC1-AZ692 Datasheet
20Kb / 1P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ940 AZETTLER-AZ940 Datasheet
104Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ697 AZETTLER-AZ697 Datasheet
92Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940 Datasheet
49Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com