Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ9421A-1CT-6DE Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ9421A-1CT-6DE
Description  20 AMP MINIATURE AUTOMOTIVE RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ9421A-1CT-6DE Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ9421A-1CT-6DE Datasheet HTML 1Page - American Zettler, Inc. AZ9421A-1CT-6DE Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COIL
Power
At Pickup Voltage
450 mW
(typical)
Max Continuous
Dissipation
1.3 W at 20°C (68°F) ambient
Temperature Rise
40°C (72°F) at nominal coil voltage
Temperature
Max. 155°C (311°F)
CONTACTS
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
Ratings
Resistive load
Medium Duty
Max. switched power: 420 W or 2500 VA
Max. switched current: 20 A
Max. switched voltage: 30 VDC or 250 VAC
Material
Silver tin oxide
Resistance
<100 milliohms initially
(24 V, 1 A voltage drop method)
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1x107
Electrical
1 x 105 at 20 A 14 VDC Res.
Operate Time (typical)
10 ms at nominal coil voltage
Release Time (typical)
5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
2500 Vrms contact to coil
(at sea level for 1 min.) 1000 Vrms across contacts
Insulation Resistance
100 megohms min. at 20°C, 500 VDC,
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C(-40°F) to 85°C(185°F)
Storage
-55°C(-67°F) to 155°C(311°F)
Vibration
0.039" DA at 10–55Hz
Shock
10 g operational, 100 g damage
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
10 g
AZ9421A
11/30/06
20 AMP MINIATURE
AUTOMOTIVE RELAY
FEATURES
• High switching capacity — 20 Amps
• DC coils to 24 VDC
• Epoxy sealed versions available
• Class F insulation for high temperature operation
• QS9000, ISO9001, ISO14001
• Tested in accordance with SAE J2544
• Extremely cost effective
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Unsealed relays should not be dip cleaned.
4. Specifications subject to change without notice.


Similar Part No. - AZ9421A-1CT-6DE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ942 ETC-AZ942 Datasheet
47Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ942 AZETTLER-AZ942 Datasheet
87Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ942 ZETTLER-AZ942 Datasheet
105Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ942-1CH-12D ETC-AZ942-1CH-12D Datasheet
47Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ942-1CH-12D AZETTLER-AZ942-1CH-12D Datasheet
87Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
More results

Similar Description - AZ9421A-1CT-6DE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ975 AZETTLER-AZ975 Datasheet
115Kb / 2P
   20 AMP MINIATURE AUTOMOTIVE RELAY
AZ942A AZETTLER-AZ942A Datasheet
86Kb / 2P
   20 AMP MINIATURE AUTOMOTIVE RELAY
AZ935 AZETTLER-AZ935 Datasheet
82Kb / 2P
   20 AMP MINIATURE DUAL AUTOMOTIVE RELAY - QUIET
logo
ZETTLER Electronics
AZ977 ZETTLER-AZ977 Datasheet
55Kb / 2P
   20 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
American Zettler, Inc.
AZ934 AZETTLER-AZ934 Datasheet
132Kb / 2P
   20 AMP MINIATURE AUTOMOTIVE RELAY, SINGLE OR DUAL
logo
List of Unclassifed Man...
AZ977 ETC1-AZ977 Datasheet
39Kb / 2P
   20 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE
logo
ZETTLER Electronics
AZ760 ZETTLER-AZ760_10 Datasheet
127Kb / 2P
   20 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ755 AZETTLER-AZ755 Datasheet
91Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ756 AZETTLER-AZ756 Datasheet
118Kb / 2P
   20 AMP MINIATURE POWER RELAY
AZ760 AZETTLER-AZ760 Datasheet
61Kb / 2P
   20 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com