Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ8463P1S-9 Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ8463P1S-9
Description  MICROMINIATURE POLARIZED RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ8463P1S-9 Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ8463P1S-9 Datasheet HTML 1Page - American Zettler, Inc. AZ8463P1S-9 Datasheet HTML 2Page - American Zettler, Inc. AZ8463P1S-9 Datasheet HTML 3Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 108 at 3Hz
Electrical
1 x 105 at 0.5 A, 125 VAC, Res.
1 x 105 at 2.0 A, 30 VDC, Res.
Operate Time
4 ms at nominal coil voltage
(max)
Release Time (max)
4 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
See table
(at sea level)
Dropout
Greater than 10% of nominal coil voltage
Insulation Resistance
109 ohms min. at 25°C, 500 VDC,
50% RH
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F)
Storage
-40°C (-40°F) to 115°C (239°F)
Vibration
Operational, 3.3 mm DA, 10–55 Hz
Non-destructive, 5.5 mm DA, 10–55 Hz
Shock
Operational, 75 g min., 11 ms
Non-destructive, 100 g min., 11 ms
Max. Solder Temp.
260°C (500°F) for 5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
2 grams
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
COIL (Polarized)
Power
At Pickup Voltage
79 mW
(typical)
Max. Continuous
Dissipation
0.32 W at 20°C (68°F)
Temperature Rise
At nominal coil voltage
30° (54° F) max
Temperature
Max. 115°C (239°F)
CONTACTS
Arrangement
DPDT (2 Form C)
Bifurcated crossbar contacts
Ratings
Resistive load:
Max. switched power: 60 W or 62.5 VA
Max. switched current: 2.0 A
Max. switched voltage: 220 VDC or 250 VAC
Rated Load
UL/CUR
0.5 A at 125 VAC
pending
2.0 A at
30 VDC
Material
Silver alloy, gold plated
Resistance
< 75 milliohms initially at 6 V, 1 A
10-/31/08W
AZ8463
MICROMINIATURE
POLARIZED RELAY
FEATURES
• Microminiature size: up to 50% less board area than
previous generation telecom relays
• High dielectric and surge voltage:
2.5 KV surge (per Bellcore TA–NWT–001089)
1.5 KV surge (per FCC Part 68)
1,000 Vrms, open contacts
• Monostable and bistable (latching) versions available
• Low power consumption: 79 mW pickup
• Stable contact resistance for low level signal switching
• Epoxy sealed for automatic wave soldering and cleaning
• UL, CUR file E43203 SMT Version - UL Pending
• All plastics meet UL94 V–0, 30 min. oxygen index
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Relay has fixed coil polarity.
4. Specifications subject to change without notice.


Similar Part No. - AZ8463P1S-9

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ846-12 AZETTLER-AZ846-12 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ846-24 AZETTLER-AZ846-24 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ846-3 AZETTLER-AZ846-3 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ846-4 AZETTLER-AZ846-4 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
More results

Similar Description - AZ8463P1S-9

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ956 ZETTLER-AZ956 Datasheet
147Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ852 AZETTLER-AZ852 Datasheet
230Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
List of Unclassifed Man...
AZ833 ETC-AZ833 Datasheet
163Kb / 4P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851 Datasheet
70Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com