Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ9402-1A-24DSE Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ9402-1A-24DSE
Description  10 AMP MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ9402-1A-24DSE Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ9402-1A-24DSE Datasheet HTML 1Page - American Zettler, Inc. AZ9402-1A-24DSE Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at 10 A 120 VAC Res.
Operate Time (max.)
8 ms at nominal coil voltage
Release Time (max.)
5 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
1000 Vrms contact to contact
(at sea level for 1 min.) 4000 Vrms contact to coil
Insulation Resistance
1 x 109 ohms minimum at 500 VDC
Dropout
Greater than 5% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 70°C (158°F)
Storage
-40°C (-40°F) to 130°C (266°F)
Vibration
0.062" DA at 10–55 Hz
Shock
Mechanical
100 g for 11 ms 1/2 sine pulse
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
7 grams
COIL
Power
At Pickup Voltage
253 mW (Standard Coil)
(typical)
113 mW (Sensitive Coil)
Max. Continuous
1.25 W at 20°C (68°F)
Dissipation
Temperature Rise
40°C (72°F) (Standard Coil)
20°C (36°F) (Sensitive Coil)
Temperature
Max. 105°C (221°F)
CONTACTS
Arrangement
SPST N.O. (1 Form A)
SPDT (1 Form C)
Ratings
Resistive load:
Max. switched power: 150 W or 1250 VA N.O.
Max. switched current:10 A
Max. switched voltage: 30 VDC* or 277 VAC
*Note: If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
UL, CUR
5A at 250 VAC
10A at 125 VAC
4.2A at 277 VAC
1/4 HP at 120/240/277 VAC
TV- 5 at 120 VAC
Pilot Duty at 24 VA, 24 VAC ;125 VA at
120/240/277 VAC ; C150 at 120 VAC
TUV
5A at 250 VAC
5A at 28 VDC
Material
Silver Nickel
Resistance
< 0.1 Ohm
(24 V, 1 A voltage drop method)
AZ9402
4/02/09W
10 AMP MINIATURE
POWER RELAY
FEATURES
• 10 Amp switching capability
• SPST-N.O. and SPDT configurations
• Epoxy sealed version available
• UL, CUR E44211
• TUV pending
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ9402-1A-24DSE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940 Datasheet
49Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ940 AZETTLER-AZ940 Datasheet
104Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ940-1A-12D AZETTLER-AZ940-1A-12D Datasheet
104Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940-1A-12D ZETTLER-AZ940-1A-12D Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
More results

Similar Description - AZ9402-1A-24DSE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ692 ETC1-AZ692 Datasheet
20Kb / 1P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ940 AZETTLER-AZ940 Datasheet
104Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ697 AZETTLER-AZ697 Datasheet
92Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940 Datasheet
49Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com