Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ9711-1C-6DET Datasheet(PDF) 1 Page - American Zettler, Inc.

Part # AZ9711-1C-6DET
Description  45 AMP AUTOMOTIVE RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.

AZ9711-1C-6DET Datasheet(HTML) 1 Page - American Zettler, Inc.

  AZ9711-1C-6DET Datasheet HTML 1Page - American Zettler, Inc. AZ9711-1C-6DET Datasheet HTML 2Page - American Zettler, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CONTACTS
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
Ratings
Resistive load:
Max. switched power: Form A: 630 W
Form C: 630 W/420W N.O./N.C.
Max. switched current: Form A: 45 A
Form C: 45 A/30A N.O./N.C.
Max. switched voltage: 150* VDC
Max. carry current: 60 A
* If switching voltage is greater than 30 VDC, special
precautions must be taken. Please contact the factory.
UL, CUR
45A at 14VDC res. 10k cycles (1Form A)
Material
Silver tin oxide
Resistance
< 100 milliohms initially
(24 V, 1 A voltage drop method)
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
5 x 106 operations
Electrical
1 x 105 40 A 14 VDC Res.
Operate Time (typical)
5 ms at nominal coil voltage
Release Time (typical)
3 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
500 VDC coil to contact
(at sea level for 1 min.) 500 VDC between open contacts
Insulation Resistance
100 megohms min. at 20°C (68°F), 500 VDC,
50% RH
Dropout
Greater than 6% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 135°C (275°F)
Storage
-40°C (-40°F) to 155°C (311°F))
Vibration
10-40 Hz – 1.27 mm DA
40-70 Hz – 50 m/s2
70-100 HZ – 0.5 mm DA
100-500 Hz – 100 m/s2
Shock
20 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
20 grams
AZ9701/AZ9711
7/17/08W
45 AMP AUTOMOTIVE RELAY
FEATURES
• Up to 45 Amp switching capability in a compact size
• Epoxy sealed versions available
• Coils to 24 VDC
• Small footprint
• 1 Form A and C contacts available
• Vibration and shock resistant
• ISO/TS 16949, ISO9001, ISO14000
• Tested in accordance with SAE J2544
• Cost effective
• Designed for high in-rush applications
• UL,CUR file E43203
COIL
Power
At Pickup Voltage
484-573 mW standard coil
(typical)
675 mW sensitive coil
Max. Continuous
4.2W 20°C (68°F) ambient
Dissipation
Temperature Rise
50°C (90°F) nominal coil VDC
Max. Temperature
155°C (311°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Similar Part No. - AZ9711-1C-6DET

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9711E AZETTLER-AZ9711E Datasheet
124Kb / 2P
   45 AMP AUTOMOTIVE RELAY
AZ9711E-1A-12DET AZETTLER-AZ9711E-1A-12DET Datasheet
124Kb / 2P
   45 AMP AUTOMOTIVE RELAY
AZ9711E-1A-12DSET AZETTLER-AZ9711E-1A-12DSET Datasheet
124Kb / 2P
   45 AMP AUTOMOTIVE RELAY
AZ9711E-1A-24DET AZETTLER-AZ9711E-1A-24DET Datasheet
124Kb / 2P
   45 AMP AUTOMOTIVE RELAY
AZ9711E-1A-24DSET AZETTLER-AZ9711E-1A-24DSET Datasheet
124Kb / 2P
   45 AMP AUTOMOTIVE RELAY
More results

Similar Description - AZ9711-1C-6DET

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ9701E AZETTLER-AZ9701E Datasheet
124Kb / 2P
   45 AMP AUTOMOTIVE RELAY
logo
Picker Components
PC822 PICKER-PC822_17 Datasheet
728Kb / 2P
   45 Amp Miniature Automotive PCB Power Relay
logo
ZETTLER Electronics
AZ973 ZETTLER-AZ973 Datasheet
88Kb / 4P
   40 AMP AUTOMOTIVE RELAY
AZ980 ZETTLER-AZ980 Datasheet
61Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
American Zettler, Inc.
AZ9721 AZETTLER-AZ9721 Datasheet
139Kb / 4P
   40 AMP AUTOMOTIVE RELAY
logo
ZETTLER Electronics
AZ983 ZETTLER-AZ983 Datasheet
60Kb / 2P
   80 AMP AUTOMOTIVE RELAY
AZ979 ZETTLER-AZ979_11 Datasheet
56Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
AZ983 ETC-AZ983 Datasheet
73Kb / 2P
   80 AMP AUTOMOTIVE RELAY
logo
ZETTLER Electronics
AZ980 ZETTLER-AZ980_11 Datasheet
56Kb / 2P
   80 AMP AUTOMOTIVE RELAY
AZ979 ZETTLER-AZ979 Datasheet
63Kb / 2P
   80 AMP AUTOMOTIVE RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com