Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

46556-4145 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 46556-4145
Description  1.27mm (.050?? Pitch SEARAY*Slim 4-Row Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

46556-4145 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  46556-4145 Datasheet HTML 1Page - Molex Electronics Ltd. 46556-4145 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
© 2008, Molex
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Asia Pacific North Headquarters
Yamato, Kanagawa, Japan
81-46-265-2325
apninfo@molex.com
Asia Pacific South Headquarters
Jurong, Singapore
65-6268-6868
apsinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
P: 630-969-4550
F: 630-969-1352
USA/KP/2008.07
Order No. 987650-2061
www.molex.com/link/SEARAYSlim.html
ORDERING INFORMATION
Order No.
Component
Circuits
Unmated Height
Plating
Plant No. for Samples
46556-2345
Plug
80
7.11mm (.280”)
30µ Gold
3109
46557-2345
Receptacle
80
6.55mm (.258”)
30µ Gold
3109
46556-4145
Plug
160
5.61mm (.221”)
30µ Gold
3109
46557-4545
Receptacle
160
8.05mm (.317”)
30µ Gold
3109
Mezzanine add-on cards
- Memory expansion
- I/O expansion
Real estate proliferation
Controller cards
- Motherboard personality cards
- Industrial controllers
- ASIC port enablers
1.27mm (.050”) Pitch
SEARAY*Slim 4-Row
Connectors
46556 Plug
46557 Receptacle
*SEARAY is a trademark of Samtec, Inc.


Similar Part No. - 46556-4145

ManufacturerPart #DatasheetDescription
logo
MolexKits
46556-4145 MOLEXKITS-46556-4145 Datasheet
41Kb / 2P
   High Density Mezz Interconnect Plug and Receptacle
46556-4145 MOLEXKITS-46556-4145 Datasheet
21Kb / 3P
   Plugs, Vertical Receptacles
logo
Molex Electronics Ltd.
46556-4145 MOLEX6-46556-4145 Datasheet
352Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Slim Plug, 160 Circuits, 2.00mm (.078") Unmated Height, 4 Rows, With Pegs, Solder Charge??Lead-free
More results

Similar Description - 46556-4145

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0465575145 MOLEX6-0465575145 Datasheet
348Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Slim Receptacle
0465572447 MOLEX6-0465572447 Datasheet
355Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Slim Receptacle
0465575545 MOLEX6-0465575545 Datasheet
348Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Slim Receptacle, 200 Circuits, 8.00mm (.314")
0465571545 MOLEX6-0465571545 Datasheet
348Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Slim Receptacle, 40 Circuits, 8.00mm (.236")
0465571145 MOLEX6-0465571145 Datasheet
348Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Slim Receptacle, 40 Circuits, 5.00mm (.196")
0465574447 MOLEX6-0465574447 Datasheet
355Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Slim Receptacle, 160 Circuits, 7.50mm (.295")
0465574345 MOLEX6-0465574345 Datasheet
348Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Slim Receptacle, 160 Circuits, 6.50mm (.255") Unmated
0465574247 MOLEX6-0465574247 Datasheet
355Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Slim Receptacle, 160 Circuits, 8.00mm (.236") Unmated
0465572547 MOLEX6-0465572547 Datasheet
355Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Slim Receptacle, 80 Circuits, 8.00mm (.314") Unmated
0465577447 MOLEX6-0465577447 Datasheet
355Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Slim Receptacle, 100 Circuits, 7.50mm (.295") Unmated
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com