Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86387-1904 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 86387-1904
Description  LC2 Metallic Optical Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

86387-1904 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  86387-1904 Datasheet HTML 1Page - Molex Electronics Ltd. 86387-1904 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
LC2
Metallic Optical Connectors
86387
Features and Benefits
n
All metal housing provides a robust connector
housing which resists breakage; includes durable
stainless steel latches clips
n
1.25mm (.049”) LumaCore terminus includes a
high-performance Ceramic ferrule with hex register
tuning, available for singlemode, multimode and
angle-polish applications
Take LC2 where no optical SFF connector has
gone before, in harsh environments
Innovatively designed LC2 connectors are a
ruggedized, all-metal-housed version of the familiar
LC Small Form Factor optical connectors. Molex’s LC2
connectors incorporate the ceramic ferrule based,
LumaCore™ optical terminus technology. The LC2
connector is 100% compatible with the industry
standard LC connectors and adapters. The terminus is
designed to achieve superior optical performance in a
durable housing.
Molex’s LC2 connectors provide a high-performance,
discrete-fiber termination solution for use in equipment
designed for severe environments, including military
COTS, aviation and aerospace applications. The
LC2 connectors are capable of continuous operating
temperatures of 135°C with short term temperatures
of up to 150°C when used with high temperature
optical fibers. Using Molex’s LumaCore technology, LC2
connectors are complimentary to other field proven
LumaCore based products.
The LC2 connector provides a color-coded, anodized-
aluminum housing with a stainless-steel latching
mechanism to ensure optimal LC performance in
harsh mechanical and environmental environments.
In addition, the housings can be removed as needed
without disruption of the terminus tuning or crimped
cable jacketing. When terminated, LC2 connectors
meet a minimum of all the dimensional and
performance requirements of Telcordia GR-326-CORE
and TTIA/EIA-604-10a (FOCIS-10).
Reference Information
Packaging: Bag
Mates With: Standard LC adapters
Series 106124, 106125, 106126, 106127, 106115
Designed In: Inches
Mechanical
Durability: Minimum 200 mate/demate cycles
Physical
Housing: Anodized Aluminum
Ferrule: Zirconia Ceramic
Operating Temperature: -40 to +135°C
FEATURES AND SPECIFICATIONS
n
Removable connector housing enables direct
inspection of fiber bonding areas and replacement
of connector body components without fiber
re-termination
n
Multiple boot styles support many cable sizes and
applications including including 900µm, 1.20mm
(.047”), 1.60mm (.063”), 1.80mm (.070”)
and 2.00mm (.079”) as well as 45 and 90°
configurations


Similar Part No. - 86387-1904

ManufacturerPart #DatasheetDescription
logo
Heyco.
8638 HEYCO-8638 Datasheet
130Kb / 1P
   Heyco-Flex™ Liquid Tight Conduit Fittings
logo
FCI connector
8638-PPS-1005 FCI-CONNECTOR-8638-PPS-1005 Datasheet
60Kb / 1P
   MALE POWER CONTACT FOR SOLDER CONNECTION
8638-PPS-2005 FCI-CONNECTOR-8638-PPS-2005 Datasheet
60Kb / 1P
   MALE POWER CONTACT FOR SOLDER CONNECTION
8638-PPS-4005 FCI-CONNECTOR-8638-PPS-4005 Datasheet
60Kb / 1P
   MALE POWER CONTACT FOR SOLDER CONNECTION
8638-PPS-X005 FCI-CONNECTOR-8638-PPS-X005 Datasheet
60Kb / 1P
   MALE POWER CONTACT FOR SOLDER CONNECTION
More results

Similar Description - 86387-1904

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MA-909 MITSUMI-MA-909 Datasheet
99Kb / 2P
   Optical Digital Connectors
logo
Molex Electronics Ltd.
1300990084 MOLEX-1300990084 Datasheet
158Kb / 1P
   STRAIN RELIEF MAX-LOC METALLIC MAX-LOC METALLIC
2014/11/18
logo
Schneider Electric
ZBYM2CUST01 SCHNEIDER-ZBYM2CUST01 Datasheet
66Kb / 1P
   METALLIC LEGEND PLATE
logo
List of Unclassifed Man...
NBD-10442 ETC2-NBD-10442 Datasheet
104Kb / 2P
   NON-METALLIC ENCLOSURE
logo
Bud Industries, Inc.
NBX-10975-PL BUD-NBX-10975-PL Datasheet
206Kb / 2P
   LARGE NON-METALLIC ENCLOSURES
NBB-10245 BUD-NBB-10245 Datasheet
89Kb / 1P
   NON-METALLIC ENCLOSURE (STYLE B)
logo
Littelfuse
P0080ZA LITTELFUSE-P0080ZA Datasheet
125Kb / 2P
   Four-port Metallic Line Protector
logo
Bel Fuse Inc.
APC1202 BEL-APC1202 Datasheet
57Kb / 1P
   DC Metallic Loop Termination Module
logo
Bud Industries, Inc.
NBB-10247 BUD-NBB-10247 Datasheet
103Kb / 1P
   NON-METALLIC ENCLOSURE (STYLE B)
logo
List of Unclassifed Man...
NBA-10162 ETC2-NBA-10162 Datasheet
68Kb / 1P
   NON-METALLIC ENCLSURE (STYLE A)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com