Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

106090-2800 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 106090-2800
Description  LC Connectors and Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

106090-2800 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  106090-2800 Datasheet HTML 1Page - Molex Electronics Ltd. 106090-2800 Datasheet HTML 2Page - Molex Electronics Ltd. 106090-2800 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES AND SPECIFICATIONS
LC Connectors and Adapter
SPECIFICATIONS
n
Versatile RJ-45 latching system provides familiar
user interface
n
1.25mm (.049”) Zirconia ceramic ferrule provides
a high performance and reliable connection
n
Tunable connector allows optimization of insertion
loss performance
n
Simplex and Duplex styles providing unidirectional
or bidirectional communication
n
Tested to Telcordia GR-326 and Compliant to
TIA/EIA-604-10A (FOCIS-10) ensuring long lasting
reliability and interminability
Features and Benefits
The LC connector was developed to meet the growing
demand for small form factor, higher density
fiber optic connectivity. With this connector, space
requirements on equipment bays, in distribution
panels, and on wall plates has been reduced by 50%,
over 2.50mm (.098”) ferrule connectors, without
sacrificing performance.
Common and proven technologies have been
combined in the LC connector system to deliver a
high performance and easy to implement fiber optic
interface. Utilizing the craft friendly RJ-45 telephone
plug interface, the LC connector provides a reliable
and robust latching mechanism while the time tested
1.25mm (.049”) pre-radius ceramic ferrule is used to
terminate the fiber.
Molex LC connectors are available in both simplex
and duplex configurations. Available in industry
standard beige (multimode), blue (single mode), and
green (angle polish) colors, and will accommodate
900um buffered fiber, 1.60mm (.063”), 2.00mm
(.079”), or 3.00mm (.118”) jacketed cable. With its
6 position tuning feature, the connector may be used
to achieve unprecedented insertion loss performance
by optimizing the alignment of the fiber cores.
Additionally, 45° and 90° boot options are available
for 1.60mm (.063”) and 2.00mm (.079”) jacketed
cable.
Simplex, Duplex and Quad LC mating adapters are also
available in blue, beige, green and aqua colors. The
adapters are available in snap mount or screw mount
configurations, ceramic or metal alignment sleeves,
and can also be provided with safety shutters on one
or both sides to help prevent eye injuries. LC EMI
shielding adapters featuring metal housings are also
available for use in EMI/RFI sensitive applications.
Reference Information:
Specifications:
Packaging: Bag
Mates with: 106124, 106125, 106126, 106127,
and 106128 Series LC simplex or duplex
adapters
Designed in: Millimeters
Mechanical:
Mating Durability: IL<0.2dB change over 200 cycles
Physical:
Ferrule: Zirconia Ceramic
Housing and boot: UL 94V-0 rated Polymer
Alignment sleeves: Zirconia Ceramic or Phosphor
Bronze
Operating Temperature: -40°C to +85°C
Applications:
n
Telecommunication equipment
n
Data communication equipment
n
Local Area Networks (LAN)
n
Wide Area Networks (WAN)
n
Active Device terminations
n
Premise equipment termination
APPLICATIONS


Similar Part No. - 106090-2800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1060902200 MOLEX1-1060902200 Datasheet
51Kb / 1P
   LC APC Connector, Singlemode, 125.5關m Ceramic Ferrule, 2.00mm Simplex Cable
1060902200 MOLEX-1060902200 Datasheet
51Kb / 1P
   LC APC Connector, Singlemode, 125.5關m Ceramic Ferrule, 2.00mm Simplex Cable, Green Housing, Straight
1060902200 MOLEX-1060902200_V01 Datasheet
51Kb / 1P
   LC APC Connector, Singlemode, 125.5關m Ceramic Ferrule, 2.00mm Simplex Cable, Green Housing, Straight
1060902800 MOLEX1-1060902800 Datasheet
53Kb / 1P
   LC APC Connector, Singlemode, 125.5關m Ceramic Ferrule, 900mm Buffered Fiber
1060902800 MOLEX-1060902800 Datasheet
53Kb / 1P
   LC APC Connector, Singlemode, 125.5關m Ceramic Ferrule, 900mm Buffered Fiber, Green Housing, Straight
More results

Similar Description - 106090-2800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86024-3000 MOLEX-86024-3000 Datasheet
126Kb / 4P
   LC Connectors and Adapters
logo
Pasternack Enterprises,...
PE9569 PASTERNACK-PE9569 Datasheet
239Kb / 2P
   LC Male to LC Male Adapter
PE9419 PASTERNACK-PE9419 Datasheet
240Kb / 2P
   LC Female to LC Female Adapter
logo
Molex Electronics Ltd.
106123-0200 MOLEX-106123-0200 Datasheet
162Kb / 2P
   Quad LC Optical Adapter
1061261700 MOLEX-1061261700 Datasheet
51Kb / 1P
   LC Adapter Kit, Duplex, Snap Mount, Includes LC Duplex Receptacle and Mounting Plate
logo
Pasternack Enterprises,...
PE9398 PASTERNACK-PE9398 Datasheet
241Kb / 2P
   LC Male to LC Female Right Angle Adapter
logo
Molex Electronics Ltd.
1060590200 MOLEX1-1060590200 Datasheet
49Kb / 1P
   Optical Industrial Adapter, LC Duplex, Multimode
logo
Pasternack Enterprises,...
PE9237 PASTERNACK-PE9237 Datasheet
245Kb / 2P
   N Female to LC Male Adapter
PE9413 PASTERNACK-PE9413 Datasheet
241Kb / 2P
   LC Female to HN Male Adapter
PE9298 PASTERNACK-PE9298 Datasheet
233Kb / 2P
   N Female to LC Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com